Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV3229ACPZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV3229ACPZ
Description  750 MHz, 8 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV3229ACPZ Fiches technique(HTML) 4 Page - Analog Devices

  ADV3229ACPZ Datasheet HTML 1Page - Analog Devices ADV3229ACPZ Datasheet HTML 2Page - Analog Devices ADV3229ACPZ Datasheet HTML 3Page - Analog Devices ADV3229ACPZ Datasheet HTML 4Page - Analog Devices ADV3229ACPZ Datasheet HTML 5Page - Analog Devices ADV3229ACPZ Datasheet HTML 6Page - Analog Devices ADV3229ACPZ Datasheet HTML 7Page - Analog Devices ADV3229ACPZ Datasheet HTML 8Page - Analog Devices ADV3229ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADV3228/ADV3229
Data Sheet
Rev. A | Page 4 of 24
ADV3228
ADV3229
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLIES
Supply Current
AVCC, outputs enabled, no load
52
70
58
70
mA
AVCC, outputs disabled
12
18
13
18
mA
AVEE, outputs enabled, no load
52
70
58
70
mA
AVEE, outputs disabled
12
18
14
18
mA
DVCC, outputs enabled, no load
6
6
mA
Supply Voltage Range
±4.5
±5
±5.5
±4.5
±5
±5.5
V
PSRR
DC to 50 kHz, AVCC, AVEE
<−60
<−60
dB
f = 100 kHz, AVCC, AVEE
−60
−60
dB
f = 10 MHz, AVCC
−48
−35
dB
f = 10 MHz, AVEE
−35
−55
dB
f = 100 MHz, AVCC
−25
−15
dB
f = 100 MHz, AVEE
−15
−15
dB
f = 100 kHz, DVCC
−90
−90
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40
+85
−40
+85
°C
θJA
Operating (still air)
29
29
°C/W


Numéro de pièce similaire - ADV3229ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Description similaire - ADV3229ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com