Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV3225ACPZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADV3225ACPZ
Description  750 MHz, 16 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV3225ACPZ Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADV3225ACPZ Datasheet HTML 5Page - Analog Devices ADV3225ACPZ Datasheet HTML 6Page - Analog Devices ADV3225ACPZ Datasheet HTML 7Page - Analog Devices ADV3225ACPZ Datasheet HTML 8Page - Analog Devices ADV3225ACPZ Datasheet HTML 9Page - Analog Devices ADV3225ACPZ Datasheet HTML 10Page - Analog Devices ADV3225ACPZ Datasheet HTML 11Page - Analog Devices ADV3225ACPZ Datasheet HTML 12Page - Analog Devices ADV3225ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADV3224/ADV3225
Rev. B | Page 9 of 24
Pin No.
Mnemonic
Description
47
SER/PAR
Serial/Parallel Mode Select (Control Pin).
48
UPDATE
Second Rank Write Strobe (Control Pin).
49
DATAIN
Serial Data In (Control Pin).
50
CLK
Serial Data Clock, Parallel First Rank Latch Enable (Control Pin).
51
DATAOUT
Serial Data Out.
52
CE
Chip Enable (Control Pin).
53
RESET
Second Rank Reset (Control Pin).
57
IN0
Input Number 0.
59
IN1
Input Number 1.
61
IN2
Input Number 2.
63
IN3
Input Number 3.
65
IN4
Input Number 4.
67
IN5
Input Number 5.
69
IN6
Input Number 6.
71
IN7
Input Number 7.
EPAD
Exposed Paddle. The exposed metal paddle on the bottom of the LFCSP package must be soldered
to the PCB AGND for proper heat dissipation and for noise and mechanical strength benefits.


Numéro de pièce similaire - ADV3225ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Description similaire - ADV3225ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com