Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV3228ACPZ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADV3228ACPZ
Description  750 MHz, 8 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV3228ACPZ Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADV3228ACPZ Datasheet HTML 5Page - Analog Devices ADV3228ACPZ Datasheet HTML 6Page - Analog Devices ADV3228ACPZ Datasheet HTML 7Page - Analog Devices ADV3228ACPZ Datasheet HTML 8Page - Analog Devices ADV3228ACPZ Datasheet HTML 9Page - Analog Devices ADV3228ACPZ Datasheet HTML 10Page - Analog Devices ADV3228ACPZ Datasheet HTML 11Page - Analog Devices ADV3228ACPZ Datasheet HTML 12Page - Analog Devices ADV3228ACPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADV3228/ADV3229
Rev. A | Page 9 of 24
Pin No.
Mnemonic
Description
40 to 43
D3, D2, D1, D0
Parallel Data Input.
44 to 46
A2, A1, A0
Parallel Output Address Input.
47
SER/PAR
Serial/Parallel Mode Select (Control Pin).
48
UPDATE
Second Rank Write Strobe (Control Pin).
49
DATAIN
Serial Data In (Control Pin).
50
CLK
Serial Data Clock, Parallel First Rank Latch Enable (Control Pin).
51
DATAOUT
Serial Data Out.
52
CE
Chip Enable (Control Pin).
53
RESET
Second Rank Reset (Control Pin).
EPAD
Exposed Paddle. The exposed metal paddle on the bottom of the LFCSP
package must be soldered to the PCB AGND for proper heat dissipation
and for noise and mechanical strength benefits.


Numéro de pièce similaire - ADV3228ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Description similaire - ADV3228ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com