Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV3224 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce ADV3224
Description  750 MHz, 16 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV3224 Fiches technique(HTML) 1 Page - Analog Devices

  ADV3224 Datasheet HTML 1Page - Analog Devices ADV3224 Datasheet HTML 2Page - Analog Devices ADV3224 Datasheet HTML 3Page - Analog Devices ADV3224 Datasheet HTML 4Page - Analog Devices ADV3224 Datasheet HTML 5Page - Analog Devices ADV3224 Datasheet HTML 6Page - Analog Devices ADV3224 Datasheet HTML 7Page - Analog Devices ADV3224 Datasheet HTML 8Page - Analog Devices ADV3224 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
750 MHz, 16 × 8
Analog Crosspoint Switch
Data Sheet
ADV3224/ADV3225
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16 × 8 high speed, nonblocking switch array
Pinout and functionally equivalent to the AD8110/AD8111
Drop-in compatible with the ADV3228/ADV3229 8 × 8 array
Complete solution
Buffered inputs
Programmable high impedance outputs
8 output amplifiers, G = +1 (ADV3224), G = +2 (ADV3225)
Drives 150 Ω loads
Operates on ±5 V supplies
Low power: 0.5 W
Excellent ac performance
−3 dB bandwidth
200 mV p-p: 1200 MHz (ADV3224), 900 MHz (ADV3225)
2 V p-p: 750 MHz (ADV3224), 850 MHz (ADV3225)
0.5 dB flatness (2 V p-p)
250 MHz (ADV3224), 235 MHz (ADV3225)
Slew rate: 2500 V/μs
Serial or parallel programming of switch array
72-lead LFCSP (10 mm × 10 mm)
APPLICATIONS
Routing of high speed signals including
Video (NTSC, PAL, S, SECAM, YUV, RGB)
Compressed video (MPEG, wavelet)
3-level digital video (HDB3)
Data communications
Telecommunications
FUNCTIONAL BLOCK DIAGRAM
ADV3224/
ADV3225
40
40
128
40-BIT SHIFT REGISTER
WITH 4-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
8 × 5:16 DECODERS
8
CLK
DATAIN
UPDATE
CE
RESET
A0
DATAOUT
A1
A2
SER/PAR
D0 D1 D2 D3 D4
SWITCH
MATRIX
SET INDIVIDUAL
OR RESET ALL
OUTPUTS TO OFF
OUTPUT
BUFFER
G = +1,
G = +2
Figure 1.
GENERAL DESCRIPTION
The ADV3224/ADV3225 are high speed 16 × 8 analog crosspoint
switch matrices. They offer a −3 dB signal bandwidth of greater
than 750 MHz and a high slew rate of greater than 2500 V/μs.
The ADV3224/ADV3225 include eight independent output
buffers that can be placed into a high impedance state for
paralleling crosspoint outputs to prevent off channels from
loading the output bus. The ADV3224 has a gain of +1 and the
ADV3225 has a gain of +2, and they both operate on voltage
supplies of ±5 V. Channel switching is performed via a serial
digital control that can accommodate the daisy chaining of
several devices or via a parallel control to allow updating of an
individual output without reprogramming the entire array.
The ADV3224/ADV3225 are available in the 72-lead LFCSP
package over the extended industrial temperature range of
−40°C to +85°C.


Numéro de pièce similaire - ADV3224

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Description similaire - ADV3224

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com