Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9330 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce 9330
Description  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

9330 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  9330 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9330 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9330 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9330 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9330 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9330 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9330 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9330 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9330 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.41
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables — Overview
Construction
Soft annealed bare or tinned copper with
PVC flame retardant insulation and jacket.
Other insulation and jacket options are
available (see table below). Communication
wire included on all multi-pair/multi-triad
1000 and 3000 series part numbers, 22 AWG
(7x30) bare copper, orange PVC insulation.
Nylon rip cord included in all PVC/PVC
instrumentation cables.
Other Construction Options:
Armoring Capabilities
Belden also has the capability to protect
electronic, instrumentation and control cables
with interlocking or continuous armor and
smooth or corrugated protective metal tapes.
Application
Cable jackets are resistant to sunlight,
moisture and vapor penetration. PVC/PVC
constructions, with 3 conductors or more
and 20 AWG or larger, are suitable for
direct burial.
Unshielded
Twisted non-shielded pairs and triads
provide a minimal OD allowing greater tray
and conduit fill. Non-shielded instrument
pairs may be utilized when recommended
by the instrument manufacturer and used
in a metallic conduit.
Overall Shield
Recommended for use in instrumentation
applications where signals are transmitted
in excess of 100 millivolts except in areas
where high voltage and current sources
create excessive noise interference.
The Beldfoil® shield with drain wire
provides 100% coverage for maximum
shield effectiveness.
Individually Shielded and
Overall Shielded
Individually shielded pairs or triads with
an overall shield are recommended for
use in instrumentation applications where
optimum noise rejection is required.
Individual pair/triad shields are fully isolated
from each other and contain a separate
drain wire for grounding, to provide
maximum protection from crosstalk and
common mode interference. Cables with
an overall shield provide additional
electrostatic noise protection.
Specifications
UL Subject 13
UL Subject 2250
NEC Article 725 Class 2 and
Class 3 Circuits
NEC Type PLTC Listed, which is
approved for cable tray use in Class 1,
Division 2, hazardous areas and
non-hazardous areas, cable trays,
raceways, conduit and supported
by messenger wires.
Sunlight-resistant.
Oil-resistant per UL Class 43
NEC Type ITC per Article 727.
ITC cables may carry up to 5 amps
at 150V, which is significantly greater
than that allowed for PLTC only cables.
ITC cables may also be installed in
specific applications, per the NEC,
in addition to those allowed for PLTC.
UL 1685 (UL 1581) Vertical Tray Flame
Test comparable to IEEE 383 -1974
(70,000 BTU/hr.) Flame Test.
PVC/PVC constructions are CMG, FT4,
IEEE 1202 and IEEE 383-2003 rated,
and meet ICEA T-29-520 Flame Test.
Design options — call 1-800-BELDEN-1
or 1-800-BELDEN-3.
PLTC-ER
As an option, Belden offers all PVC insulated,
PVC jacketed instrumentation cables, and
several other insulation and jackets, with a
PLTC-ER (Exposed Run) rating, formerly
referred to as Open Wiring.
Per NEC Article 725, a PLTC-ER rated cable
may be installed in an industrial establish-
ment between a cable tray and the utilization
equipment or device. A PLTC-ER rated cable
must meet the crush and impact require-
ments of UL Type MC cable By eliminating
the need for metal conduit and/or armor,
using a PLTC-ER rated cable results in
savings in both installation and maintenance.
UL Listed for PLTC
Insulation/Jacket
Max. Temp Rating
XLPE/PVC
90°C
XLPE/CPE
90°C
PVC/PVC
105°C
PVC/CPE
105°C
PE/PVC
75°C
FPE/PVC
75°C
TPE/TPE
105°C
XLPE/Haloarrest®
90°C
Standard lengths may be subject to tolerance. Custom lengths may be available upon
request. Contact the Belden Electronics Division Customer Service Department for
additional information. 1-800-BELDEN-1 or 1-800-BELDEN-3.
Armor
Code
Material
2
Aluminum Interlock
3
Steel Interlock
8
Continuously Corrugated Aluminum
Overall Jacket
Code
Material
1
PVC
3
CPE
4
TPE
5
HDPE
6
Oil Res II
7
Haloarrest® I
1
2
3456
Overall
Armor
Core
Jacket
Type
Trade
Type
Number
To Specify Part Number


Numéro de pièce similaire - 9330

FabricantNo de pièceFiches techniqueDescription
logo
Leach International Cor...
9330 LEACH-9330 Datasheet
375Kb / 6P
   RELAY – NONLATCH 10 AMP, 2PDT
logo
Belden Inc.
9330 BELDEN-9330 Datasheet
164Kb / 2P
   High Perform Instr, 4 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9330 KEYSTONE-9330 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9330-0601000 BELDEN-9330-0601000 Datasheet
164Kb / 2P
   High Perform Instr, 4 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
9330-060500 BELDEN-9330-060500 Datasheet
164Kb / 2P
   High Perform Instr, 4 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
More results

Description similaire - 9330

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com