Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS50P07G Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS50P07G
Description  50A, 600V - 1000V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS50P07G Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS50P07G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS50P07G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS50P07G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS50P07G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 600V (TS50P05G) to 1000V (TS50P07G)
*: Optional available
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1411009
Version: F15
TS50P07GHC2G
TS50P07G
H
C2
G
AEC-Q101 qualified
Green compound
Forming
D2
TS-6P
15 / TUBE (Auto)
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
PACKAGE
PACKING
TS50P0xG
(Note 1)
H
C2
G
TS-6P
15 / TUBE
X0
TS-6P
TS50P05G - TS50P07G
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX (*)
0
10
20
30
40
50
60
0
25
50
75
100
125
150
CASE TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
50
100
150
200
250
300
350
400
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
100
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS


Numéro de pièce similaire - TS50P07G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS50P07G TSC-TS50P07G Datasheet
221Kb / 3P
   Glass Passivated Bridge Rectifiers
TS50P07G TSC-TS50P07G Datasheet
234Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Description similaire - TS50P07G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
MBS6-K TSC-MBS6-K Datasheet
208Kb / 4P
   0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
ABS15J TSC-ABS15J_15 Datasheet
244Kb / 4P
   1.5A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS35P05G TSC-TS35P05G_16 Datasheet
207Kb / 4P
   35A, 600V - 1000V Glass Passivated Bridge Rectifiers
MBS6-T TSC-MBS6-T Datasheet
208Kb / 4P
   0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS40P05G TSC-TS40P05G_16 Datasheet
224Kb / 4P
   40A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS10KL60 TSC-TS10KL60_16 Datasheet
188Kb / 4P
   10A, 600V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
3A60 TSC-3A60 Datasheet
176Kb / 4P
   3A, 600V - 1000V Glass Passivated Rectifiers
UR4KB60-B TSC-UR4KB60-B Datasheet
309Kb / 6P
   4A, 600V - 1000V Glass Passivated Bridge Rectifier
logo
SeCoS Halbleitertechnol...
MB205 SECOS-MB205 Datasheet
248Kb / 2P
   Voltage 600V ~ 1000V 2.0 Amp Glass Passivated Bridge Rectifiers Diodes
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com