Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFV230-XXSGATPM0150 Fiches technique(PDF) 2 Page - SICK AG

No de pièce LFV230-XXSGATPM0150
Description  LEVEL SENSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

LFV230-XXSGATPM0150 Fiches technique(HTML) 2 Page - SICK AG

  LFV230-XXSGATPM0150 Datasheet HTML 1Page - SICK AG LFV230-XXSGATPM0150 Datasheet HTML 2Page - SICK AG LFV230-XXSGATPM0150 Datasheet HTML 3Page - SICK AG LFV230-XXSGATPM0150 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFV230-XXSGATPM0150 | LFV200
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
LFV230-XXSGATPM0150
6048219
Other models and accessories
www.sick.com/LFV200
Detailed technical data
Features
Medium
Fluids
Measurement
Switch
Probe length
150 mm
Process pressure
–1 bar ... 64 bar
Process temperature
–40 °C ... +100 °C
Fill material density
≥ 0.7 g/cm³
Performance
Accuracy of sensor element
± 2 mm
Repeatability
≤ 1 mm
Viscosity
0.1 mPas ... 10,000 mPas
Resolution
≤ 1 mm
Response time
500 ms
Electronics
Supply voltage
10 V DC ... 55 V DC
Residual ripple
≤ 5 Vpp
Power consumption
< 10 mA
Initialization time
< 2 s
VDE protection class 2
Electrical connection
M12 round connector x 1, 4-pin
Hysteresis
2 mm
Signal voltage HIGH
Vs –3 V
Signal voltage LOW
0 V +- 1 V
Output current
< 250 mA
Inductive load
≤ 1 H
Capacitive load
100 nF
Enclosure rating
IP 67
Temperature drift
0.03 mm/K
2
FLUID SENSORS | SICK
Online data sheet | 2016-05-11 15:58:08
Subject to change without notice


Numéro de pièce similaire - LFV230-XXSGATPM0150

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
LFV230-XXSGATPM0125 SICK-LFV230-XXSGATPM0125 Datasheet
200Kb / 4P
   LEVEL SENSORS
More results

Description similaire - LFV230-XXSGATPM0150

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com