Moteur de recherche de fiches techniques de composants électroniques |
|
ADC12034CIWM Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
ADC12034CIWM Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
4 / 41 page Pin Descriptions (Continued) is applied to this pin, the rising edge of SCLK shifts the data on DI into the address regis- ter. This low also brings DO out of TRI-STATE. With CS low the falling edge of SCLK shifts the data resulting from the pre- vious ADC conversion out on DO, with the exception of the first bit of data. When CS is low continously, the first bit of the data is clocked out on the rising edge of EOC (end of conversion). When CS is toggled the fall- ing edge of CS always clocks out the first bit of data. CS should be brought low when SCLK is low. The falling edge of CS resets a conversion in progress and starts the se- quence for a new conversion. When CS is brought back low during a conversion, that conversion is prematurely terminated. The data in the output latches may be corrupted. Therefore, when CS is brought back low dur- ing a conversion in progress the data output at that time should be ignored. CS may also be left continuously low. In this case it is imperative that the correct number of SCLK pulses be applied to the ADC in order to remain synchronous. After the ADC supply power is applied it expects to see 13 clock pulses for each I/O sequence. The number of clock pulses the ADC expects is the same as the digital output word length. This word length can be modified by the data shifted in on the DO pin. Table 5 details the data required. DOR This is the data output ready pin. This pin is an active push/pull output. It is low when the conversion result is being shifted out and goes high to signal that all the data has been shifted out. CONV A logic low is required on this pin to program any mode or change the ADC’s configuration as listed in the Mode Programming Table 5 such as 12-bit conversion, 8-bit conversion, Auto Cal, Auto Zero etc. When this pin is high the ADC is placed in the read data only mode. While in the read data only mode, bringing CS low and pulsing SCLK will only clock out on DO any data stored in the ADCs output shift register. The data on DI will be neglected. A new conversion will not be started and the ADC will remain in the mode and/or configuration previously pro- grammed. Read data only cannot be per- formed while a conversion, Auto-Cal or Auto-Zero are in progress. PD This is the power down pin. When PD is high the A/D is powered down; when PD is low the A/D is powered up. The A/D takes a maximum of 250 µs to power up after the command is given. CH0–CH7 These are the analog inputs of the MUX. A channel input is selected by the address in- formation at the DI pin, which is loaded on the rising edge of SCLK into the address register (See Tables 2, 3, 4). The voltage applied to these inputs should not exceed V A+ or go below GND. Exceed- ing this range on an unselected channel will corrupt the reading of a selected channel. COM This pin is another analog input pin. It is used as a pseudo ground when the analog multiplexer is single-ended. MUXOUT1, MUXOUT2 These are the multiplexer output pins. A/DIN1, /DIN2 These are the converter input pins. MUX- OUT1 is usually tied to A/DIN1. MUXOUT2 is usually tied to A/DIN2. If external circuitry is placed between MUXOUT1 and A/DIN1, or MUXOUT2 and A/DIN2 it may be neces- sary to protect these pins. The voltage at these pins should not exceed V A + or go be- low AGND (see Figure 5). V REF+ This is the positive analog voltage reference input. In order to maintain accuracy, the volt- age range of V REF (VREF =VREF+−VREF−) is 1 V DC to 5.0 VDC and the voltage at VREF+ cannot exceed V A+. See Figure 6 for recom- mended bypassing. V REF− The negative voltage reference input. In or- der to maintain accuracy, the voltage at this pin must not go below GND or exceed V A+. (See Figure 6). V A+, VD+ These are the analog and digital power sup- ply pins. V A + and V D + are not connected together on the chip. These pins should be tied to the same power supply and bypassed separately (see Figure 6). The operating voltage range of V A+ and VD+ is 4.5 VDC to 5.5 V DC. DGND This is the digital ground pin (see Figure 6). AGND This is the analog ground pin (see Figure 6). www.national.com 4 |
Numéro de pièce similaire - ADC12034CIWM |
|
Description similaire - ADC12034CIWM |