Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC6311IDCKR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC6311IDCKR
Description  12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC6311IDCKR Fiches technique(HTML) 3 Page - Texas Instruments

  DAC6311IDCKR Datasheet HTML 1Page - Texas Instruments DAC6311IDCKR Datasheet HTML 2Page - Texas Instruments DAC6311IDCKR Datasheet HTML 3Page - Texas Instruments DAC6311IDCKR Datasheet HTML 4Page - Texas Instruments DAC6311IDCKR Datasheet HTML 5Page - Texas Instruments DAC6311IDCKR Datasheet HTML 6Page - Texas Instruments DAC6311IDCKR Datasheet HTML 7Page - Texas Instruments DAC6311IDCKR Datasheet HTML 8Page - Texas Instruments DAC6311IDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
2
3
6
5
4
SYNC
SCLK
D
IN
V
OUT
GND
AV
/V
DD
REF
DAC5311, DAC6311, DAC7311
www.ti.com
SBAS442C – AUGUST 2008 – REVISED JULY 2015
5 Device Comparison
Table 1. Related Devices
RELATED DEVICES
16-BIT
14-BIT
12-BIT
10-BIT
8-BIT
Pin and Function Compatible
DAC8411
DAC8311
DAC7311
DAC6311
DAC5311
Table 2. Relative Accuracy and Differential Nonlinearity
MAXIMUM
MAXIMUM
RELATIVE
DIFFERENTIAL
ACCURACY
NONLINEARITY
DEVICE
(LSB)
(LSB)
DAC5311
±0.25
±0.25
DAC6311
±0.5
±0.5
DAC7311
±1
±1
6 Pin Configuration and Functions
DCK Package
6-Pin SC70
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AVDD/VREF
4
I
Power supply input, +2.0 V to +5.5 V.
Serial Data Input. Data are clocked into the 16-bit input shift register on the falling edge of the
DIN
3
I
serial clock input.
GND
5
Ground reference point for all circuitry on the part.
SCLK
2
I
Serial clock input. Data are transferred at rates up to 50MHz.
Level-triggered control input (active low). This is the frame sychronization signal for the input data.
When SYNC goes low, it enables the input shift register and data are transferred in on the falling
SYNC
1
I
edges of the following clocks. The DAC is updated following 16th clock cycle, unless SYNC is
taken high before this edge, in which case the rising edge of SYNC acts as an interrupt and the
write sequence is ignored by the DACx311. See the SYNC Interrupt section for more details.
VOUT
6
O
Analog output voltage from DAC. The output amplifier has rail-to-rail operation.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC5311 DAC6311 DAC7311


Numéro de pièce similaire - DAC6311IDCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC6311IDCKR TI-DAC6311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC6311IDCKR TI1-DAC6311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC6311IDCKRG4 TI1-DAC6311IDCKRG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Description similaire - DAC6311IDCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI1-DAC8311 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com