Moteur de recherche de fiches techniques de composants électroniques |
|
74479876210C Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74479876210C Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 6 page Dimensions: [mm] 2 ±0,2 0,5 u0,3 Scale - 15:1 Recommended Land Pattern: [mm] 0,8 0,8 0,8 Scale - 10:1 Schematic: Electrical Properties Properties Test conditions Value Unit Tol. Inductance 1 MHz/ 5 mA L 1 μH ±20% Rated Current ΔT = 20 K IR 1 1200 mA typ. Rated Current ΔT = 40 K IR 2 1800 mA typ. Saturation Current |ΔL/L| < 30 % ISAT 1800 mA typ. DC Resistance RDC 75 mΩ ±25% Self Resonant Frequency fres 70 MHz min. Q-factor 1 MHz Q 15 min. General Information It is recommeded that the temperature of the component does not exceed +125°C under worst case conditions Ambient Temperature (refering to IR) TA -40 °C up to +85 °C/105°C Operating Temperature TOP -40 °C up to +125 °C Storage Temperature (in original packaging) TS -20 °C up to +40 °C Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD KaS DDi DIN ISO 2768-1m DESCRIPTION WE-PMI Power Multilayer Inductor ORDER CODE 74479876210C SIZE REVISION STATUS DATE BUSINESS UNIT PAGE 0806 001.000 Draft 2016-03-09 eiSos 1/6 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Numéro de pièce similaire - 74479876210C |
|
Description similaire - 74479876210C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |