Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U152-003-N Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved

No de pièce U152-003-N
Description  USB to Type N 5V DC Power Cable, 3-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPPLITE [Tripp Lite. All Rights Reserved]
Site Internet  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U152-003-N Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U152-003-N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U152-003-N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to Type N 5V DC Power Cable, 3-ft.
MODEL NUMBER: U152-003-N
Description
Tripp Lite U152-003-N, 3ft USB to Type M Barrel Plug cable allows you to power an external 5V DC device by using an available computer USB port. The USB
to Type-N Plug cable is perfect for mobile applications, replacing a wall adapter for charging 5V devices.
Features
3ft USB A-Male to Type N Barrel connector
Charges 5V devices via a computer USB port
5.5 / 2.5 mm Outside / Inside diameter
Polarity: Positive Tip, Negative Sleeve
Specifications
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
PHYSICAL
Color
Black
CONNECTIONS
Connector A
USB A (MALE)
Connector B
TYPE N 5V DC
WARRANTY
Highlights
USB A-Male to 5.5 / 2.5mm Plug
Package Includes
3ft USB to Type - N 5V DC
Power Cable
1 / 2


Numéro de pièce similaire - U152-003-N

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
U152-003-3P5 TRIPPLITE-U152-003-3P5 Datasheet
159Kb / 3P
   USB to DC Power Cable ??M/M, USB-A to 3.5 x 1.35 mm DC Barrel Plug, 3 ft.
U152-003-M TRIPPLITE-U152-003-M Datasheet
493Kb / 2P
   USB to Type M 5V DC Power Cable, 3-ft.
More results

Description similaire - U152-003-N

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
U152003N TRIPPLITE-U152003N Datasheet
489Kb / 2P
   USB to Type N 5V DC Power Cable, 3-ft
U152-003-M TRIPPLITE-U152-003-M Datasheet
493Kb / 2P
   USB to Type M 5V DC Power Cable, 3-ft.
U152003M TRIPPLITE-U152003M Datasheet
494Kb / 2P
   USB to Type M 5V DC Power Cable, 3-ft
U152-003-3P5 TRIPPLITE-U152-003-3P5 Datasheet
159Kb / 3P
   USB to DC Power Cable ??M/M, USB-A to 3.5 x 1.35 mm DC Barrel Plug, 3 ft.
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
   USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
   USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
U428-003 TRIPPLITE-U428-003 Datasheet
168Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A (M/M), 3 ft.
U038-003-CRA TRIPPLITE-U038-003-CRA Datasheet
163Kb / 3P
   USB Type-A to Type-C Cable, M/M, Right-Angle USB-C, 2.0, 3 ft. - Thunderbolt 3 Compatible
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
   USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U422-006 TRIPPLITE-U422-006 Datasheet
164Kb / 3P
   USB Type-C to USB Type-B Cable - 5 Gbps, USB-C (3.1) to USB-B (3.0), M/M, Thunderbolt 3, 6 ft.
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com