Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVTM36BF180M007A00 Fiches technique(PDF) 10 Page - Vicor Corporation

No de pièce MVTM36BF180M007A00
Description  High Efficiency, Sine Amplitude Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTM36BF180M007A00 Fiches technique(HTML) 10 Page - Vicor Corporation

Back Button MVTM36BF180M007A00 Datasheet HTML 6Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 7Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 8Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 9Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 10Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 11Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 12Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 13Page - Vicor Corporation MVTM36BF180M007A00 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
VTM® Current Multiplier
Rev 1.3
vicorpower.com
Page 10 of 31
07/2015
800 927.9474
MVTM36 Series
Model Specific Electrical Characteristics (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of
-55°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
MVTM36BF090M013A00
No load power dissipation
PNL
VIN = 26 V to 50 V
14.0
W
Transfer ratio
K
K = VOUT / VIN, IOUT = 0 A
1/4
V/V
Ouput voltage
VOUT
VOUT = VIN • K - IOUT • ROUT
V
Output current (average)
IOUT_AVG
13
A
Output current (peak)
IOUT_PK
tPEAK < 10 ms, IOUT_AVG ≤ 13 A
19
A
Efficiency (ambient)
h
AMB
VIN = 36 V, IOUT = 13 A
93.8
95.3
%
VIN = 26 V to 50 V, IOUT = 13 A
93.5
Output resistance (cold)
ROUT_COLD
TC = -40°C, IOUT = 13 A
2.0
5.5
9.5
Output resistance (ambient)
ROUT_AMB
TC = 25°C, IOUT = 13 A
3.9
8.9
13.4
Output resistance (hot)
ROUT_HOT
TC = 100°C, IOUT = 13 A
5.0
10.6
15.9
Switching frequency
fSW
1.85
1.95
2.05
MHz
Output ripple frequency
fSW_RP
3.70
3.90
4.10
MHz
MTBF
MIL-HDBK-217 Plus Parts Count; 25°C Ground Benign,
Stationary, Indoors / Computer Profile
1.8
MHrs
Telcordia Issue 2 - Method 1 Case 1;
Ground Benign, Controlled
7.3
MHrs
VC internal resistor
RVC-INT
0.51
MVTM36BF120M010A00
No load power dissipation
PNL
VIN = 26 V to 50 V
10.5
W
Transfer ratio
K
K = VOUT / VIN, IOUT = 0 A
1/3
V/V
Ouput voltage
VOUT
VOUT = VIN • K - IOUT • ROUT
V
Output current (average)
IOUT_AVG
10
A
Output current (peak)
IOUT_PK
tPEAK < 10 ms, IOUT_AVG ≤ 10 A
15
A
Efficiency (ambient)
h
AMB
VIN = 36 V, IOUT = 10 A
94.2
94.9
%
VIN = 26 V to 50 V, IOUT = 10 A
90.0
Output resistance (cold)
ROUT_COLD
TC = -40°C, IOUT = 10 A
12.8
19.7
26.5
Output resistance (ambient)
ROUT_AMB
TC = 25°C, IOUT = 10 A
20.4
26.5
32.6
Output resistance (hot)
ROUT_HOT
TC = 100°C, IOUT = 10 A
23.1
29.2
35.2
Switching frequency
fSW
1.56
1.65
1.74
MHz
Output ripple frequency
fSW_RP
3.12
3.30
3.48
MHz
MTBF
MIL-HDBK-217 Plus Parts Count; 25°C Ground Benign,
Stationary, Indoors / Computer Profile
3.8
MHrs
Telcordia Issue 2 - Method 1 Case 1;
Ground Benign, Controlled
5.6
MHrs
VC internal resistor
RVC-INT
2.0


Numéro de pièce similaire - MVTM36BF180M007A00

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
MVTM36BF120M010A00 VICOR-MVTM36BF120M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
More results

Description similaire - MVTM36BF180M007A00

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com