Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL-3020UB000MTH Fiches technique(PDF) 1 Page - Suntan Capacitors

No de pièce TSL-3020UB000MTH
Description  Reflow Solderable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSL-3020UB000MTH Fiches technique(HTML) 1 Page - Suntan Capacitors

  TSL-3020UB000MTH Datasheet HTML 1Page - Suntan Capacitors TSL-3020UB000MTH Datasheet HTML 2Page - Suntan Capacitors TSL-3020UB000MTH Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD TYPE LED
Suntan®
TSL-3020UB000MTH
F E A T U R E S
Reflow Solderable
High Luminous Intensity and Low Power Dissipation
Good Reliability and Long Life
Complied With RoHS Directive
A P P L I C A T I O N S
Optical indicator
Indoor display
Backlighting in dashboard and switch
Flat Backlighting for LCD, symbol and display
General use
T E C H N I C A L D A T A S H E E T
This product is generally used as indicator and luminary for electronic equipment such as household appliance, communication
quipment and dashboard.
e
Notes:
1.
All dimension units are millimeters.
2.
All dimension tolerance is ±0.2mm unless otherwise noted.
Selection Guide
Luminous intensity (mcd) @ 20mA
Viewing Angle
Dice
Lens Type
Min
Typ
Max
2Ø1/2
Blue
(InGaN)
Water Clear
300
--
600
120
Note:
1.
1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.
The above luminous intensity measurement allowance tolerance ±10%
Electrical / Optical Characteristics at Ta=25℃
Parameter
Symbol
Min.
Typ.
Max
Units
Test conditions
Forward Voltage
VF
2.8
3.2
3.6
V
IF=20mA
Reverse Current
IR
--
--
10
uA
VR=5V
Dominate Wavelength
λd
463
--
475
nm
IF=20mA
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Units
Power Dissipation
Pd
160
mW
DC Forward Current
IF
25
mA
Peak Forward Current 【1】
IFP
100
mA
Reverse Voltage
VR
5
V
Electrostatic Discharge (HBM)
ESD
±1000
V
Operating Temperature
Topr
-30~+85
Storage Temperature
Tstg
-40~+100
Note:
1.
1/10 Dut cycle, 0.1ms pulse width.
2.
The above forward voltage measure ment allowance tolerance ±0.1V.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Numéro de pièce similaire - TSL-3020UB000MTH

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TSL-3020UR000MTH SUNTAN-TSL-3020UR000MTH Datasheet
341Kb / 3P
   Reflow Solderable
TSL-3020UW000MTH SUNTAN-TSL-3020UW000MTH Datasheet
424Kb / 3P
   Wide Viewing Angel 120 o
More results

Description similaire - TSL-3020UB000MTH

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
   Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
   Reflow Solderable
TSL-1206UYG00MTH SUNTAN-TSL-1206UYG00MTH Datasheet
447Kb / 3P
   Reflow Solderable
TSL-0805UG000MTH SUNTAN-TSL-0805UG000MTH Datasheet
390Kb / 3P
   Reflow Solderable
TSL-0603UG000MTH SUNTAN-TSL-0603UG000MTH Datasheet
478Kb / 3P
   Reflow Solderable
TSL-0805UY000MTH SUNTAN-TSL-0805UY000MTH Datasheet
389Kb / 3P
   Reflow Solderable
TSL-0603UB000MTH SUNTAN-TSL-0603UB000MTH Datasheet
477Kb / 3P
   Reflow Solderable
TSL-0805UR000MTH SUNTAN-TSL-0805UR000MTH Datasheet
390Kb / 3P
   Reflow Solderable
TSL-0805UW000MTH SUNTAN-TSL-0805UW000MTH Datasheet
397Kb / 3P
   Reflow Solderable
TSL-0805UYG00MTH SUNTAN-TSL-0805UYG00MTH Datasheet
395Kb / 3P
   Reflow Solderable
TSL-1206UY000MTH SUNTAN-TSL-1206UY000MTH Datasheet
380Kb / 3P
   Reflow Solderable
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com