Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A23166DCURE4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TS5A23166DCURE4
Description  Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23166DCURE4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TS5A23166DCURE4 Datasheet HTML 3Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 4Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 5Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 6Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 7Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 8Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 9Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 10Page - Texas Instruments TS5A23166DCURE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TS5A23166
www.ti.com
SCDS196H – MAY 2005 – REVISED MAY 2015
Electrical Characteristics: 3.3-V Supply (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Dynamic
VGEN = 0,
CL = 1 nF,
QC
Charge injection
25°C
5 V
6
pC
RGEN = 0,
see Figure 19
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 14
25°C
3.3 V
19.5
pF
OFF capacitance
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(OFF)
See Figure 14
25°C
3.3 V
18.5
pF
OFF capacitance
Switch OFF,
NO
VNO = V+ or GND,
CNO(ON)
See Figure 14
25°C
3.3 V
36
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 14
25°C
3.3 V
36
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 14
25°C
3.3 V
2
pF
capacitance
RL = 50 Ω,
BW
Bandwidth
See Figure 16
25°C
3.3 V
150
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
3.3 V
–62
dB
f = 1 MHz,
see Figure 17
RL = 50 Ω,
Switch ON,
XTALK
Crosstalk
25°C
3.3 V
–85
dB
f = 1 MHz,
see Figure 18
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
0.01
THD
kHz,
25°C
3.3 V
distortion
CL = 50 pF,
%
see Figure 20
Supply
0.00
25°C
0.05
Positive supply
Switch ON or
1
I+
VI = V+ or GND,
3.6 V
μA
current
OFF
Full
0.3
6.7 Electrical Characteristics: 2.5-V Supply
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
0
≤ VNO ≤ V+,
25°C
1.8
2.4
Peak ON
Switch ON,
rpeak
2.3 V
ICOM = –8 mA,
resistance
see Figure 11
Full
2.6
VNO = 1.8 V,
25°C
1.2
2.1
ON-state
Switch ON,
ron
2.3 V
ICOM = –8 mA,
resistance
see Figure 11
Full
2.4
ON-state
25°C
0.04
0.15
resistance
VNO = 1.8 V, 0.8 V,
Switch ON,
Δron
match
2.3 V
ICOM = –8 mA,
see Figure 11
Full
0.15
between
channels
0
≤ VNO ≤ V+,
Switch ON,
25°C
0.7
ON-state
ICOM = –8 mA,
see Figure 11
ron(flat)
resistance
2.3 V
VNO = 1.8 V, 0.8 V,
25°C
0.4
0.6
Switch ON,
flatness
ICOM = –8 mA,
see Figure 11
Full
0.6
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS5A23166


Numéro de pièce similaire - TS5A23166DCURE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Description similaire - TS5A23166DCURE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com