Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3245DDV Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3245DDV
Description  200W Mono PurePath Ultra-HD Analog-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3245DDV Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA3245DDV Datasheet HTML 4Page - Texas Instruments TPA3245DDV Datasheet HTML 5Page - Texas Instruments TPA3245DDV Datasheet HTML 6Page - Texas Instruments TPA3245DDV Datasheet HTML 7Page - Texas Instruments TPA3245DDV Datasheet HTML 8Page - Texas Instruments TPA3245DDV Datasheet HTML 9Page - Texas Instruments TPA3245DDV Datasheet HTML 10Page - Texas Instruments TPA3245DDV Datasheet HTML 11Page - Texas Instruments TPA3245DDV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
TPA3245
SLASEC7 – APRIL 2016
www.ti.com
Product Folder Links: TPA3245
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Error Reporting
The FAULT, and CLIP_OTW, pins are active-low, open-drain outputs. The function is for protection-mode
signaling to a system-control device.
Any fault resulting in device shutdown is signaled by the FAULT pin going low. Also, CLIP_OTW goes low when
the device junction temperature exceeds 125°C (see Table 2).
Table 2. Error Reporting
FAULT
CLIP_OTW
DESCRIPTION
0
0
Overtemperature (OTE) or overload (OLP) or undervoltage (UVP) Junction
temperature higher than 125°C (overtemperature warning)
0
0
Overload (OLP) or undervoltage (UVP). Junction temperature higher than 125°C
(overtemperature warning)
0
1
Overload (OLP) or undervoltage (UVP). Junction temperature lower than 125°C
1
0
Junction temperature higher than 125°C (overtemperature warning)
1
1
Junction temperature lower than 125°C and no OLP or UVP faults (normal operation)
Note that asserting either RESET low forces the FAULT signal high, independent of faults being present. TI
recommends monitoring the CLIP_OTW signal using the system microcontroller and responding to an
overtemperature warning signal by, that is, turning down the volume to prevent further heating of the device
resulting in device shutdown (OTE).
To reduce external component count, an internal pullup resistor to 3.3 V is provided on both FAULT and
CLIP_OTW outputs.
7.4 Device Protection System
The TPA3245 contains advanced protection circuitry carefully designed to facilitate system integration and ease
of use, as well as to safeguard the device from permanent failure due to a wide range of fault conditions such as
short circuits, overload, overtemperature, and undervoltage. The TPA3245 responds to a fault by immediately
setting the power stage in a high-impedance (Hi-Z) state and asserting the FAULT pin low. In situations other
than overload and overtemperature error (OTE), the device automatically recovers when the fault condition has
been removed, that is, the supply voltage has increased.
The device will function on errors, as shown in Table 3.
Table 3. Device Protection
BTL
MODE
PBTL
MODE
SE
MODE
LOCAL
ERROR IN
TURNS OFF
LOCAL
ERROR IN
TURNS OFF
LOCAL
ERROR IN
TURNS OFF
A
A+B
A
A+B+C+D
A
A+B
B
B
B
C
C+D
C
C
C+D
D
D
D
Bootstrap UVP does not shutdown according to the table, it shuts down the respective halfbridge (non-latching,
does not assert FAULT).
7.4.1 Overload and Short Circuit Current Protection
TPA3245 has fast reacting current sensors with a programmable trip threshold (OC threshold) on all high-side
and low-side FETs. To prevent output current to increase beyond the programmed threshold, TPA3245 has the
option of either limiting the output current for each switching cycle (Cycle By Cycle Current Control, CB3C) or to
perform an immediate shutdown of the output in case of excess output current (Latching Shutdown). CB3C
prevents premature shutdown due to high output current transients caused by high level music transients and a
drop of real speaker’s load impedance, and allows the output current to be limited to a maximum programmed


Numéro de pièce similaire - TPA3245DDV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3245 TI-TPA3245 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
More results

Description similaire - TPA3245DDV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
[Old version datasheet]   600W Mono PurePath Ultra-HD Analog-Input
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com