Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST18N10D Fiches technique(PDF) 1 Page - Stanson Technology

No de pièce ST18N10D
Description  TO-252 Package design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST18N10D Fiches technique(HTML) 1 Page - Stanson Technology

  ST18N10D Datasheet HTML 1Page - Stanson Technology ST18N10D Datasheet HTML 2Page - Stanson Technology ST18N10D Datasheet HTML 3Page - Stanson Technology ST18N10D Datasheet HTML 4Page - Stanson Technology ST18N10D Datasheet HTML 5Page - Stanson Technology ST18N10D Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST18N10D
N Channel Enhancement Mode MOSFET
18.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
ST18N10D 2009. V1
DESCRIPTION
ST18N10D is the N-Channel logic enhancement mode power field effect transistor
which is produced using high cell density, DMOS trench technology. The ST18N10D
has been designed specially to improve the overall efficiency of DC/DC converters
using either synchronous or conventional switching PWM controllers. It has been
optimized for low gate charge, low RDS(ON) and fast switching speed.
PIN CONFIGURATION (D-PAK)
TO-252
PART MARKING
W: Wafer Code P: Product Code
Y: Year Code A: Produce Code
FEATURE
!
100V/12.0A, RDS(ON) = 90mΩ(Typ.)
@VGS = 10V
!
100V/8.0A, RDS(ON) = 100mΩ
@VGS = 4.0V
Super high density cell design for
extremely low RDS(ON)
!
Exceptional on-resistance and
maximum DC current capability
!
TO-252 Package design


Numéro de pièce similaire - ST18N10D

FabricantNo de pièceFiches techniqueDescription
logo
Huber+Suhner, Inc.
ST18NMNM12IN HUBERSUHNER-ST18NMNM12IN Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 12in
ST18NMNM2000MM HUBERSUHNER-ST18NMNM2000MM Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 2000mm
ST18NMNM24IN HUBERSUHNER-ST18NMNM24IN Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 24in
ST18NMNM36IN HUBERSUHNER-ST18NMNM36IN Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 36in
ST18NMNM48IN HUBERSUHNER-ST18NMNM48IN Datasheet
3Mb / 2P
   MICROWAVE TEST ASSEMBLIES, N (male), N (male), 50 Ohm, 18 GHz, 48in
More results

Description similaire - ST18N10D

FabricantNo de pièceFiches techniqueDescription
logo
Stanson Technology
ST04N20D STANSON-ST04N20D Datasheet
862Kb / 7P
   TO-252 package design
ST25N10 STANSON-ST25N10 Datasheet
866Kb / 6P
   TO-252 package design
ST16N10 STANSON-ST16N10 Datasheet
729Kb / 6P
   TO-252 Package design
logo
Foshan Blue Rocket Elec...
MBRD1040 FOSHAN-MBRD1040 Datasheet
666Kb / 6P
   TO-252 Plastic package Schottky diode
MBRD2045CT FOSHAN-MBRD2045CT Datasheet
710Kb / 6P
   TO-252 Plastic package Schottky diode
logo
Continental Device Indi...
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
   TO-252 (DPAK) SMD Plastic Package
logo
Foshan Blue Rocket Elec...
BTB08D FOSHAN-BTB08D Datasheet
1Mb / 8P
   Triac in a TO-252 Plastic Package
logo
Cystech Electonics Corp...
MTA55N20J3 CYSTEKEC-MTA55N20J3 Datasheet
397Kb / 9P
   TO-252
logo
Foshan Blue Rocket Elec...
LV10100DCT FOSHAN-LV10100DCT Datasheet
721Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
78M05 FOSHAN-78M05 Datasheet
771Kb / 6P
   Voltage Regulator in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com