Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4053BNSR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4053BNSR
Description  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD4053BNSR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CD4053BNSR Datasheet HTML 6Page - Texas Instruments CD4053BNSR Datasheet HTML 7Page - Texas Instruments CD4053BNSR Datasheet HTML 8Page - Texas Instruments CD4053BNSR Datasheet HTML 9Page - Texas Instruments CD4053BNSR Datasheet HTML 10Page - Texas Instruments CD4053BNSR Datasheet HTML 11Page - Texas Instruments CD4053BNSR Datasheet HTML 12Page - Texas Instruments CD4053BNSR Datasheet HTML 13Page - Texas Instruments CD4053BNSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
T = 25 C
A
o
ALTERNATING “O”
C = 50pF
L
AND “I” PATTERN
10
10
10
10
5
4
3
V
= 15V
DD
V
= 5V
DD
C = 15pF
L
10
10
10
2
2
10
10
10
SWITCHING FREQUENCY (kHz)
3
4
5
1
TEST CIRCUIT
V
3
DD
5
10
11
6
7
8
14
15
1
2
13
12
4
C
CD4051
L
f
100Ω
100Ω
B/D
CD4029
VDD
A B C
9
Ι
V
= 10V
DD
-6
-4
-2
0
2
4
6
V , INPUT SIGNAL VOLTAGE (V)
IS
-6
-4
-2
0
2
4
6
V
= 5V
DD
V
= 0V
SS
V
= -5V
EE
T = 25 C
A
o
R = 100k , R = 10k
L
L
100
500
1k
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
100
200
300
400
600
500
V , INPUT SIGNAL VOLTAGE (V)
IS
T = 25 C
A
o
15V
10V
V
- V
= 5V
DD
EE
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
50
100
150
200
250
V , INPUT SIGNAL VOLTAGE (V)
IS
V
- V
= 15V
DD
EE
T = 125 C
A
o
T = 25 C
A
o
T = -55 C
A
o
-4
-3
-2
-1
0
1
2
3
4
0
100
200
300
400
500
600
T = 125 C
A
o
T = -55 C
A
o
T = 25 C
A
o
V
- V
= 5V
DD
EE
5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
0
50
100
150
200
250
300
V , INPUT SIGNAL VOLTAGE (V)
IS
T = 125 C
A
o
T = 25 C
A
o
T = -55 C
A
o
CD4051B, CD4052B, CD4053B
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
www.ti.com
6.7 Typical Characteristics
Figure 2. Channel ON Resistance vs Input Signal Voltage
Figure 1. Channel ON Resistance vs Input Signal Voltage
(All Types)
(All Types)
Figure 3. Channel ON Resistance vs Input Signal Voltage
Figure 4. Channel ON Resistance vs Input Signal Voltage
(All Types)
(All Types)
Figure 5. ON Characteristics for 1 of 8 Channels (CD4051B)
Figure 6. Dynamic Power Dissipation vs Switching
Frequency (CD4051B)
10
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B


Numéro de pièce similaire - CD4053BNSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4053BNSR TI-CD4053BNSR Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053BNSR TI-CD4053BNSR Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4053BNSR TI-CD4053BNSR Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4053BNSR TI1-CD4053BNSR Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
CD4053BNSRE4 TI-CD4053BNSRE4 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
More results

Description similaire - CD4053BNSR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com