Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC4051E Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC4051E
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC4051E Fiches technique(HTML) 6 Page - Texas Instruments

Back Button CD74HC4051E Datasheet HTML 2Page - Texas Instruments CD74HC4051E Datasheet HTML 3Page - Texas Instruments CD74HC4051E Datasheet HTML 4Page - Texas Instruments CD74HC4051E Datasheet HTML 5Page - Texas Instruments CD74HC4051E Datasheet HTML 6Page - Texas Instruments CD74HC4051E Datasheet HTML 7Page - Texas Instruments CD74HC4051E Datasheet HTML 8Page - Texas Instruments CD74HC4051E Datasheet HTML 9Page - Texas Instruments CD74HC4051E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC – VEE DC supply voltage
–0.5
10.5
V
VCC
DC supply voltage
–0.5
7
V
VEE
DC supply voltage
0.5
–7
V
IIK
DC input diode current
VI < – 0.5 V or VI > VCC + 0.5 V
±20
mA
IOK
DC switch diode current
VI < VEE – 0.5 V or VI > VCC + 0.5 V
±20
mA
DC switch current(2)
VI > VEE – 0.5 V or VI < VCC + 0.5 V
±25
mA
ICC
DC VCC or ground current
±50
mA
IEE
DC VEE current
–20
mA
TJMAX
Maximum junction temperature
150
°C
TLMAX
Maximum lead temperature
Soldering 10 s
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to GND unless otherwise specified.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±500
V(ESD) Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX UNIT
Supply voltage range
CD54 and 74HC types
2
6
VCC
(TA = full package temperature
V
CD54 and 74HCT types
4.5
5.5
range)(2)
VCC
Supply voltage range
CD54 and 74HC types, CD54 and 74HCT
2
10
V
VEE
(TA = full package temperature range)
types (see Figure 1)
Supply voltage range
CD54 and 74HC types, CD54 and 74HCT
VEE
(TA = full package temperature
0
–6
V
types (see Figure 2)
range)(3)
VI
DC input control voltage
GND
VCC
V
VIS
Analog switch I/O voltage
VEE
VCC
V
TA
Operating temperature
–55
125
°C
2 V
0
1000
tr, tf
Input rise and fall times
4.5 V
0
500
ns
6 V
0
400
(1)
For maximum reliability, nominal operating conditions must be selected so that operation is always within the ranges specified in the
Recommended Operating Conditions table.
(2)
All voltages referenced to GND unless otherwise specified.
(3)
In certain applications, the external load resistor current may include both VCC and signal line components. To avoid drawing VCC
current when switch current flows into the transmission gate inputs, the voltage drop across the bidirectional switch must not exceed
0.6 V (calculated from rON values shown in Electrical Specifications table). No VCC current will flow through RL if the switch current flows
into terminal 3 on the HC and HCT4051; terminals 3 and 13 on the HC and HCT4052; terminals 4, 14, and 15 on the HC and HCT4053.
6
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053


Numéro de pièce similaire - CD74HC4051E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC4051E TI-CD74HC4051E Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051E TI-CD74HC4051E Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051E TI-CD74HC4051E Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051E TI-CD74HC4051E Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4051E TI-CD74HC4051E Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Description similaire - CD74HC4051E

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_V01 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com