Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC4053F3A Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HC4053F3A
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC4053F3A Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CD54HC4053F3A Datasheet HTML 3Page - Texas Instruments CD54HC4053F3A Datasheet HTML 4Page - Texas Instruments CD54HC4053F3A Datasheet HTML 5Page - Texas Instruments CD54HC4053F3A Datasheet HTML 6Page - Texas Instruments CD54HC4053F3A Datasheet HTML 7Page - Texas Instruments CD54HC4053F3A Datasheet HTML 8Page - Texas Instruments CD54HC4053F3A Datasheet HTML 9Page - Texas Instruments CD54HC4053F3A Datasheet HTML 10Page - Texas Instruments CD54HC4053F3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
6.4 Thermal Information
CD74HC4051
THERMAL METRIC(1)
N (PDIP)
NS (SO)
PW (TSSOP)
UNIT
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
49.0
83.0
107.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.3
41.2
42.4
°C/W
RθJB
Junction-to-board thermal resistance
29.0
43.3
52.8
°C/W
ψJT
Junction-to-top characterization parameter
21.2
9.2
4.2
°C/W
ψJB
Junction-to-board characterization parameter
28.9
43.0
52.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics: HC Devices
TEST CONDITIONS
PARAMETERS
MIN
TYP
MAX
UNIT
VIS
VI
VEE
VCC
TA
(V)
(V)
(V)
(V)
25°C
1.5
–40°C to
1.5
2
85°C
–55°C to
1.5
125°C
25°C
3.15
–40°C to
3.15
VIH
High-level input voltage
4.5
85°C
V
–55°C to
3.15
125°C
25°C
4.2
–40°C to
4.2
6
85°C
–55°C to
4.2
125°C
25°C
0.5
–40°C to
0.5
2
85°C
–55°C to
0.5
125°C
25°C
1.35
–40°C to
1.35
VIL
Low-level input voltage
4.5
85°C
V
–55°C to
1.35
125°C
25°C
1.8
–40°C to
1.8
6
85°C
–55°C to
1.8
125°C
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053


Numéro de pièce similaire - CD54HC4053F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F3A TI-CD54HC4053F3A Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Description similaire - CD54HC4053F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_V01 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com