Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CB3T3245 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74CB3T3245
Description  8-Bit FET Bus Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3T3245 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74CB3T3245_15 Datasheet HTML 2Page - Texas Instruments SN74CB3T3245_15 Datasheet HTML 3Page - Texas Instruments SN74CB3T3245_15 Datasheet HTML 4Page - Texas Instruments SN74CB3T3245_15 Datasheet HTML 5Page - Texas Instruments SN74CB3T3245_15 Datasheet HTML 6Page - Texas Instruments SN74CB3T3245_15 Datasheet HTML 7Page - Texas Instruments SN74CB3T3245_15 Datasheet HTML 8Page - Texas Instruments SN74CB3T3245_15 Datasheet HTML 9Page - Texas Instruments SN74CB3T3245_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1.5
2.0
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
VCC − Supply Voltage − V
VCC = 2.3 V to 3.6 V
VI = 5.5 V
TA = –40 C
°
100 µA
8 mA
16 mA
24 mA
1.5
2.0
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
VCC − Supply Voltage − V
VCC = 2.3 V to 3.6 V
VI = 5.5 V
TA = 25 C
°
100 µA
8 mA
16 mA
24 mA
1.5
2.0
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
VCC − Supply Voltage − V
VCC = 2.3 V to 3.6 V
VI = 5.5 V
TA = 85 C
°
100 µA
8 mA
16 mA
24 mA
SN74CB3T3245
SCDS136B – OCTOBER 2003 – REVISED JUNE 2015
www.ti.com
6.7 Typical Characteristics
Figure 1. VOH vs VCC
Figure 2. VOH vs VCC
Figure 3. VOH vs VCC
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3T3245


Numéro de pièce similaire - SN74CB3T3245_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CB3T3245 TI-SN74CB3T3245_10 Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
More results

Description similaire - SN74CB3T3245_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345 TI-SN74CBT3345 Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3345 RENESAS-HD74CBT3345 Datasheet
213Kb / 11P
   8-bit FET Bus Switch
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A_06 Datasheet
296Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com