Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFP4000-F4NMB Fiches technique(PDF) 3 Page - SICK AG

No de pièce LFP4000-F4NMB
Description  LEVEL SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

LFP4000-F4NMB Fiches technique(HTML) 3 Page - SICK AG

  LFP4000-F4NMB Datasheet HTML 1Page - SICK AG LFP4000-F4NMB Datasheet HTML 2Page - SICK AG LFP4000-F4NMB Datasheet HTML 3Page - SICK AG LFP4000-F4NMB Datasheet HTML 4Page - SICK AG LFP4000-F4NMB Datasheet HTML 5Page - SICK AG LFP4000-F4NMB Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LFP4000-F4NMB | LFP Cubic
LEVEL SENSORS
2014-09-01 16:17:51 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3
Electronics
Supply voltage
12 V DC ... 30 V DC 1)
Power consumption
≤ 100 mA at 24 V DC without output load
Initialization time
≤ 5 s
Protection class
III
Electrical connection
Round connector M12 x 1, 5-pin
Output signal
4 mA ... 20 mA, 0 V ... 10 V automatic switching depending on the load., 1 PNP transistor out-
put (Q1) and 1 PNP / NPN transistor output (Q2) switchable
Output load
4 mA ... 20 mA < 500 Ohm at Uv > 15 V, 4 mA ... 20 mA < 350 Ohm at Uv > 12 V, 0 V ... 10 V >
750 Ohm at Uv >= 14 V
Hysteresis
Min. 2 mm, free adjustable
Signal voltage HIGH
Vs - 2 V
Signal voltage LOW
≤ 2 V
Output current
< 100 mA
Inductive load
< 1 H
Capacitive load
100 nF
Enclosure rating
IP 67: EN 60529
Temperature drift
< 0.1 mm/K
Lower signal level
3.8 mA ... 4 mA
Upper signal level
20 mA ... 20.5 mA
EMC
EN 61326-1:2006, 2004/108/EG
1) All connections are polarity protected. All outputs are overload and short-circuit protected.
Mechanics
Wetted parts
1.4404, PTFE
Process connection
¾" NPT
Housing material
Plastic PBT
Max.probe load
≤ 6 Nm
Ambient data
Ambient operating temperature
–20 °C ... +60 °C
Ambient storage temperature
–40 °C ... +80 °C


Numéro de pièce similaire - LFP4000-F4NMB

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
LFP4000-E4BMB SICK-LFP4000-E4BMB Datasheet
221Kb / 4P
   LEVEL SENSORS
LFP4000-E4NMB SICK-LFP4000-E4NMB Datasheet
254Kb / 4P
   LEVEL SENSORS
LFP4000-G1BMB SICK-LFP4000-G1BMB Datasheet
312Kb / 4P
   LEVEL SENSORS
LFP4000-G1NMB SICK-LFP4000-G1NMB Datasheet
264Kb / 4P
   LEVEL SENSORS
More results

Description similaire - LFP4000-F4NMB

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com