Moteur de recherche de fiches techniques de composants électroniques |
|
AD4016M96RTB-5 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
AD4016M96RTB-5 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 28 page Rev.1 Page 3 Description The device CMOS Dynamic RAM organized as 4,194,304 words x 4 bits with extended data out access mode. It is fabricated with an advanced submicron CMOS technology and designed to operate from a single 3.3V oniy power supply. Low voltage operation is more suitable to be used on battery backup, portable elec- tronic application. lt is packaged in JEDEC standard 26/24-pin plastic SOJ or TSOP(II). Features • Single 3.3V( %) only power supply • High speed tRAC acess time: 50/60ns • Low power dissipation - Active mode : 432/396 mW (Mas) - Standby mode: 0.54 mW (Mas) • Extended - data - out(EDO) page mode access • I/O level: CMOS level (Vcc = 3.3V) • 2048 refresh cycle in 32 ms(Std.) or 128 ms(S-version) • 4 refresh modesh: - RAS only refresh - CAS - before - RAS refresh - Hidden refresh - Self-refresh(S-version) 10 ± |
Numéro de pièce similaire - AD4016M96RTB-5 |
|
Description similaire - AD4016M96RTB-5 |