Moteur de recherche de fiches techniques de composants électroniques |
|
ST80X-18S Fiches technique(PDF) 2 Page - Hirose Electric |
|
ST80X-18S Fiches technique(HTML) 2 Page - Hirose Electric |
2 / 10 page 2 60m ø max. 100M ø min. No flashover or insulation breakdown. Mating: 29.4N max. Contact resistance: 50 m ø max. No electrical discontinuity of 10 µ sec. max. Contact resistance: 100m ø max. Contact resistance: 100m ø max. Insulation resistance: 1000M ø min. No corrosions Fully inserted and locked corresponding connector. No physical damage or electrical failure. No electrical discontinuity of 10 µ sec. max. Contact resistance: 100m ø max. 100mA DC 250V DC 350V AC/ one minute With corresponding connector. 10000 cycles Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. Temperature : -55ç ➝ +5ç to +35ç ➝ +85ç ➝ +5ç to +35ç Time (Minutes) : 30 ➝ 5 ➝ 30 ➝ 5 5 cycles 5±1% salt water solution at 35±3ç for 48 hours, after washing without salt, leave for 24 hours at room temperature Pull force: 49N max. applied in each of the 3 axis. Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours, 3 axis. 11. Contact resistance 12. Insulation resistance 13. Dielectric withstanding voltage 14. Mating/un-mating forces 15. Durability (mating/un-mating) 16. Shock 17. Temperature cycle 18. Salt spray 19. Lock strength 10. Shock Rating Current rating 0.5A (1 A max. can be carried via 4 random contacts) Voltage rating 100V AC Operating temperature range : -30ç to +80ç Storage temperature range : -40ç to +85ç (Note) sSpecifications sMaterials q Receptacles and cradles Characteristic Specification Conditions Insulator Contacts Shield Thermoplastic compound, glass reinforced Copper alloy Stainless steel Color: Black Contact area: Gold plated Tin alloy plating UL94V-0 ------------------- ------------------- Component Material Finish Remarks Note: Includes temperature rise caused by current flow. q Plugs Insulator Contacts Shield Cover Thermoplastic compound, glass reinforced Copper alloy Stainless steel Thermoplastic compound, glass reinforced Color: Black Contact area: Gold plated ------------------- ------------------- UL94V-0 ------------------- ------------------- UL94-HB Component Material Finish Remarks sOrdering information Series name : ST Termination type 60 : Right angle SMT 40 : Solder type 80 : Cradle, vertical, SMT Shield X : With shield Blank : Without shield Number of positions Contact type P : Male contact (Receptacle) S : Female contact (Plug) Contact arrangement /4 : Combination, with 4 power contacts Plug type CV : Standard type, for top PCB mount CVR : Reverse type, for bottom PCB mount CV1 : For larger diameter cables 1 2 3 4 5 6 7 - /4 P 18 60 ST 1 2 4 5 6 q Receptacles -- CVR S 18 X 40 ST 1 2 3 4 5 1 2 3 4 5 7 q Plugs - S 18 X 80 ST q Plug - Cradle type |
Numéro de pièce similaire - ST80X-18S |
|
Description similaire - ST80X-18S |