Moteur de recherche de fiches techniques de composants électroniques |
|
ST80X-18S Fiches technique(PDF) 9 Page - Hirose Electric |
|
ST80X-18S Fiches technique(HTML) 9 Page - Hirose Electric |
9 / 10 page 9 21 23.2 21 No.1 No.24 9 screw(2) Catch / release button(2) Part Number CL No. ST40X-24S-CV1 CL241-0023-8 q 24 pos. (Shielded type, for 5.8mm max. cable diameter) No.1 No.36 32.5 30.6 34.1 7.6 11.4 screw(2) Catch / release button(2) Part Number CL No. ST40-36S-CV CL241-0034-4 q 36 pos. (Shielded type, for 7mm max. cable diameter) Note: Plug assemblies will require additional components. Contact Hirose Electric representative for detailed descriptions and installation instructions. |
Numéro de pièce similaire - ST80X-18S |
|
Description similaire - ST80X-18S |