Moteur de recherche de fiches techniques de composants électroniques |
|
ADC12062BIVF Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
ADC12062BIVF Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
2 / 20 page Absolute Maximum Ratings (Notes 1 2) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage (VCC e DVCC e AVCC) b 03V to a6V Voltage at Any Input or Output b 03V to VCC a 03V Input Current at Any Pin (Note 3) 25 mA Package Input Current (Note 3) 50 mA Power Dissipation (Note 4) 875 mW ESD Susceptibility (Note 5) 2000V Soldering Information (Note 6) V Package Infrared 15 seconds a 300 C VF Package Vapor Phase (60 seconds) a 215 C Infrared (15 seconds) a 220 C Storage Temperature Range b 65 Cto a150 C Maximum Junction Temperature (TJMAX) 150 C Operating Ratings (Notes 1 2) Temperature Range TMIN s TA s TMAX ADC12062BIV ADC12062CIV ADC12062BIVF ADC12062CIVF b40 C s TA s a85 C Supply Voltage Range (DVCC e AVCC) 45V to 55V Converter Characteristics The following specifications apply for DVCC e AVCC ea5V VREF a (SENSE) e a 4096V VREFb(SENSE) e AGND and fs e 1 MHz unless otherwise specified Boldface limits apply for TA e TJ from TMIN to TMAX all other limits TA e TJ ea25 C Symbol Parameter Conditions Typ Limit Units (Note 7) (Note 8) (Limit) Resolution 12 Bits Differential Linearity Error TA e 25 C g 04 g 08 LSB (max) TMIN to TMAX g 095 LSB (max) Integral Linearity Error TMIN to TMAX (BIV Suffix) g 04 g 10 LSB (max) (Note 9) TA ea25 C (CIV Suffix) g 04 g 10 LSB (max) TMIN to TMAX (CIV Suffix) g 15 LSB (max) Offset Error TMIN to TMAX (BIV Suffix) g 03 g 125 LSB (max) TA ea25 C (CIV Suffix) g 03 g 125 LSB (max) TMIN to TMAX (CIV Suffix) g 20 LSB (max) Full Scale Error TMIN to TMAX (BIV Suffix) g 02 g 10 LSB (max) TA ea25 C (CIV Suffix) g 02 g 10 LSB (max) TMIN to TMAX (CIV Suffix) g 15 LSB (max) Power Supply Sensitivity DVCC e AVCC e 5V g10% g 10 LSB (max) (Note 15) RREF Reference Resistance 750 500 X (min) 1000 X (max) VREF(a) VREFa(SENSE) Input Voltage AVCC V (max) VREF(b) VREFb(SENSE) Input Voltage AGND V (min) VIN Input Voltage Range To VIN1 VIN2 or ADC IN AVCC a 005V V (max) AGND b 005V V (min) ADC IN Input Leakage AGND to AVCC b 03V 01 3 m A (max) CADC ADC IN Input Capacitance 25 pF MUX On-Channel Leakage AGND to AVCC b 03V 01 3 m A (max) MUX Off-Channel Leakage AGND to AVCC b 03V 01 3 m A (max) CMUX Multiplexer Input Cap 7 pF MUX Off Isolation fIN e 100 kHz 92 dB 2 |
Numéro de pièce similaire - ADC12062BIVF |
|
Description similaire - ADC12062BIVF |