Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC12062BIVF Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC12062BIVF
Description  12-Bit, 1 MHz, 75 mW A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062BIVF Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC12062BIVF Datasheet HTML 3Page - National Semiconductor (TI) ADC12062BIVF Datasheet HTML 4Page - National Semiconductor (TI) ADC12062BIVF Datasheet HTML 5Page - National Semiconductor (TI) ADC12062BIVF Datasheet HTML 6Page - National Semiconductor (TI) ADC12062BIVF Datasheet HTML 7Page - National Semiconductor (TI) ADC12062BIVF Datasheet HTML 8Page - National Semiconductor (TI) ADC12062BIVF Datasheet HTML 9Page - National Semiconductor (TI) ADC12062BIVF Datasheet HTML 10Page - National Semiconductor (TI) ADC12062BIVF Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Typical Performance Characteristics (Continued)
(Through Mux)
SINAD vs Input Frequency
(Through Mux)
SNR vs Input Frequency
(Through Mux)
THD vs Input Frequency
Impedance
SNR and THD vs Source
Reference Voltage
SNR and THD vs
TLH11490 – 28
Timing Diagrams
TLH11490 – 9
FIGURE 1 Interrupt Interface Timing
(MODE e 1 OE e 1)
7


Numéro de pièce similaire - ADC12062BIVF

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC12062EVAL NSC-ADC12062EVAL Datasheet
427Kb / 20P
   12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
More results

Description similaire - ADC12062BIVF

FabricantNo de pièceFiches techniqueDescription
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
   12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD671 AD-AD671 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671 AD-AD671_15 Datasheet
389Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
logo
National Semiconductor ...
ADC12662 NSC-ADC12662 Datasheet
495Kb / 23P
   12-Bit, 1.5 MHz, 200 mW A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com