Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP303CDRLR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP303CDRLR
Description  Temperature Range Monitor In Micropackage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303CDRLR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TMP303CDRLR Datasheet HTML 5Page - Texas Instruments TMP303CDRLR Datasheet HTML 6Page - Texas Instruments TMP303CDRLR Datasheet HTML 7Page - Texas Instruments TMP303CDRLR Datasheet HTML 8Page - Texas Instruments TMP303CDRLR Datasheet HTML 9Page - Texas Instruments TMP303CDRLR Datasheet HTML 10Page - Texas Instruments TMP303CDRLR Datasheet HTML 11Page - Texas Instruments TMP303CDRLR Datasheet HTML 12Page - Texas Instruments TMP303CDRLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
HYST
SET0
HYST
SET1
SOH
OUT
Time
T =0
L
C
°
T =60
H
C
°
10 C
°
50 C
°
5 C
°
Measured
Temperature
Changeshysteresis
from10
to
C
5 C
°
°
ForcesOUTpinhigh
regardlessoftemperature
9
TMP303
www.ti.com
SBOS486F – JULY 2009 – REVISED FEBRUARY 2016
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 HYSTSET0, HYSTSET1 and SOH Functionality
The TMP303A temperature trip window resides within the range of 0°C to 60°C, the TMP303B within 0°C to
55°C, the TMP303C within –20°C to 60°C, and the TMP303D within –15°C to 125°C. When any of these trip
thresholds is crossed, the output (OUT) changes state from low to high. OUT does not return to its original low
state until the temperature crosses the hysteresis threshold and returns within the range of the temperature trip
window.
As an example, if the TMP303A is configured with a 10°C hysteresis window (that is, HYSTSET0 = HYSTSET1 =
VS), the output does not return to its low state until the temperature either crosses (TL + hysteresis) = 10°C or
(TH – hysteresis) = 50°C. The Set Output High (SOH) pin is intended to add test functionality to verify the
connectivity of the output (OUT) pin to the system controller or other temperature response system. The SOH pin
is internally pulled down to ground with a 100-k
Ω resistor. If the SOH pin is grounded or left floating, it has no
effect on the behavior of the TMP303A. If the SOH pin is pulled high, the TMP303A immediately forces the
output high, regardless of temperature.
NOTE
This response occurs even if the temperature falls within the 0°C to 60°C temperature
window.
Figure 10 shows this design in graphical form.
Figure 10. TMP303A Output Transfer Curves With Hysteresis Change from 10°C to 5°C and SOH
Functionality


Numéro de pièce similaire - TMP303CDRLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP303CDRLR TI1-TMP303CDRLR Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results

Description similaire - TMP303CDRLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
logo
ON Semiconductor
NVT210 ONSEMI-NVT210_15 Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NCT214 ONSEMI-NCT214_16 Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
NCT1008 ONSEMI-NCT1008_12 Datasheet
333Kb / 20P
   Temperature Monitor
July, 2012 ??Rev. 6
logo
Maxim Integrated Produc...
DS9108 MAXIM-DS9108 Datasheet
61Kb / 3P
   Concrete Temperature Monitor
REV: 102106
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com