Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDC7200PW Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TDC7200PW
Description  Time-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TDC7200PW Fiches technique(HTML) 1 Page - Texas Instruments

  TDC7200PW Datasheet HTML 1Page - Texas Instruments TDC7200PW Datasheet HTML 2Page - Texas Instruments TDC7200PW Datasheet HTML 3Page - Texas Instruments TDC7200PW Datasheet HTML 4Page - Texas Instruments TDC7200PW Datasheet HTML 5Page - Texas Instruments TDC7200PW Datasheet HTML 6Page - Texas Instruments TDC7200PW Datasheet HTML 7Page - Texas Instruments TDC7200PW Datasheet HTML 8Page - Texas Instruments TDC7200PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TDC7200
SNAS647D – FEBRUARY 2015 – REVISED MARCH 2016
TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,
Magnetostrictive and Flow Meters
1
1 Features
1
Resolution: 55 ps
Standard Deviation: 35 ps
Measurement Range:
Mode 1: 12 ns to 500 ns
Mode 2: 250 ns to 8 ms
Low Power Consumption: 0.5 µA (2 SPS)
Supports up to 5 STOP Signals
Autonomous Multi-Cycle Averaging Mode for Low
Power Consumption
Supply Voltage: 2 V to 3.6 V
Operating Temperature –40°C to 85°C
SPI Host Interface for Configuration and Register
Access
2 Applications
Flow Meter: Water Meter, Gas Meter, Heat Meter
Magnetostrictive Position/Level Sensing
Time-of-Flight in Drones (LIDAR, SONAR),
metering equipment and projectors
Heat Cost Allocators
3 Description
The TDC7200 is a Time-to-Digital Converter (TDC)
for ultrasonic sensing measurements such as water
flow meter, gas flow meter, and heat flow meter.
When paired with the TDC1000 (ultrasonic analog-
front-end), the TDC7200 can be a part of a complete
TI ultrasonic sensing solution that includes the
MSP430, power, wireless, and source code.
The Time to Digital Converter (TDC) performs the
function of a stopwatch and measures the elapsed
time (time-of-flight or TOF) between a START pulse
and up to five STOP pulses. The ability to measure
from START to multiple STOPs gives users the
flexibility to select which STOP pulse yields the best
echo performance.
The device has an internal self-calibrated time base
which
compensates
for
drift
over
time
and
temperature. Self-calibration enables time-to-digital
conversion accuracy in the order of picoseconds. This
accuracy makes the TDC7200 ideal for flow meter
applications, where zero and low flow measurements
require high accuracy.
When
placed
in
the
Autonomous
Multi-Cycle
Averaging Mode, the TDC7200 can be optimized for
low system power consumption, making it ideal for
battery powered flow meters. In this mode, the host
can go to sleep to save power, and it can wake up
when interrupted by the TDC upon completion of the
measurement sequence.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TDC7200
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Numéro de pièce similaire - TDC7200PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TDC7200EVM TI1-TDC7200EVM Datasheet
13Mb / 24P
[Old version datasheet]   TDC7200EVM User?셲 Guide
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
More results

Description similaire - TDC7200PW

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1050A KEYSIGHT-U1050A Datasheet
1Mb / 6P
   Acqiris Time-to-Digital Converter
logo
Roithner LaserTechnik G...
TTM8000 ROITHNER-TTM8000 Datasheet
363Kb / 2P
   8 Channel Time to Digital Converter
logo
Keysight Technologies
U1051A KEYSIGHT-U1051A Datasheet
726Kb / 6P
   Acqiris TC890 Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35102 MAXIM-MAX35102 Datasheet
999Kb / 37P
   Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Sciosense B.V.
AS6500 SCIOSENSE-AS6500 Datasheet
344Kb / 3P
   AS6500 – 4-channel Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
   Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
logo
Sciosense B.V.
TDC-GPX2 SCIOSENSE-TDC-GPX2 Datasheet
344Kb / 3P
   TDC-GPX2 – 4-channel Time-to-Digital Converter
logo
ams AG
TDC-GPX AMSCO-TDC-GPX Datasheet
1Mb / 54P
   Ultra-high Performance 8 Channel Time- to-Digital Converter
logo
List of Unclassifed Man...
MQT200F ETC1-MQT200F Datasheet
309Kb / 5P
   Charge-to-Time Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com