Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1173CIJMX Fiches technique(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC1173CIJMX
Description  8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1173CIJMX Fiches technique(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC1173CIJMX Datasheet HTML 6Page - National Semiconductor (TI) ADC1173CIJMX Datasheet HTML 7Page - National Semiconductor (TI) ADC1173CIJMX Datasheet HTML 8Page - National Semiconductor (TI) ADC1173CIJMX Datasheet HTML 9Page - National Semiconductor (TI) ADC1173CIJMX Datasheet HTML 10Page - National Semiconductor (TI) ADC1173CIJMX Datasheet HTML 11Page - National Semiconductor (TI) ADC1173CIJMX Datasheet HTML 12Page - National Semiconductor (TI) ADC1173CIJMX Datasheet HTML 13Page - National Semiconductor (TI) ADC1173CIJMX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Functional Description
The ADC1173 uses a new, unique architecture to achieve
7.4 effective bits at and maintains superior dynamic perfor-
mance up to 12 the clock frequency.
The analog signal at V
IN that is within the voltage range set
by V
RT and VRB are digitized to eight bits at up to 20 MSPS.
Input voltages below V
RB will cause the output word to con-
sist of all zeroes. Input voltages above V
RT will cause the
output word to consist of all ones. V
RT has a range of 1.0 Volt
to the analog supply voltage, AV
DD, while VRB has a range of
0 to 2.0 Volts. V
RT should always be at least 1.0 Volt more
positive than V
RB.
If V
RT and VRTS are connected together and VRB and VRBS
are connected together, the nominal values of V
RT and VRB
are 1.56V and 0.36V, respectively. If V
RT and VRTS are con-
nected together and V
RB is grounded, the nominal value of
V
RT is 1.38V.
Data is acquired at the falling edge of the clock and the digi-
tal equivalent of the data is available at the digital outputs 2.5
clock cycles plus t
OD later. The ADC1173 will convert as long
as the clock signal is present at pin 12. The Output Enable
pin OE, when low, enables the output pins. The digital out-
puts are in the high impedance state when the OE pin is
high.
Applications Information
1.0 The Analog Input
The analog input of the ADC1173 is a switch followed by an
integrator. The input capacitance changes with the clock
level, appearing as 4 pF when the clock is low, and 11 pF
when the clock is high. Since a dynamic capacitance is more
difficult to drive than a fixed capacitance, choose an amplifier
that can drive this type of load. The CLC409, CLC440,
LM6152, LM6154, LM6181 and LM6182 have been found to
be excellent devices for driving the ADC1173. Do not drive
the input beyond the supply rails.
Figure 3 shows an example of an input circuit using the
LM6181. This circuit has both gain and offset adjustments. If
you desire to eliminate these adjustments, you should re-
duce the signal swing to avoid clipping at the ADC1173 out-
put that can result from normal tolerances of all system com-
ponents. With no adjustments, the nominal value for the
amplifier feedback resistor is 510
Ω and the 5.1k resistor at
the inverting input should be changed to 860
Ω and returned
to +3V rather than to the Offset Adjust potentiometer.
2.0 Reference Inputs
The reference inputs V
RT (Reference Top) and VRB (Refer-
ence Bottom) are the top and bottom of the reference ladder.
Input signals between these two voltages will be digitized to
8 bits. External voltages applied to the reference input pins
should be within the range specified in the Operating Ratings
table (1.0V to AV
DD for VRT and 0V to (AVDD - 1.0V) for VRB).
Any device used to drive the reference pins should be able to
source sufficient current into the V
RT pin and sink sufficient
current from the V
RB pin.
The reference ladder can be self-biased by connecting V
RT
to V
RTS and connecting VRB to VRBS to provide top and bot-
tom reference voltages of approximately 1.56V and 0.36V,
respectively, with V
CC = 3.0V. This connection is shown in
Figure 3.IfV
RT and VRTS are tied together, but VRB is tied to
analog ground, a top reference voltage of approximately
1.38V is generated. The top and bottom of the ladder should
be bypassed with 10µF tantalum capacitors located close to
the reference pins.
The reference self-bias circuit of
Figure 3 is very simple and
performance is adequate for many applications. Superior
performance can generally be achieved by driving the refer-
ence pins with a low impedance source.
By forcing a little current into or out of the top and bottom of
the ladder, as shown in
Figure 4, the top and bottom refer-
ence voltages can be trimmed. The resistive divider at the
amplifier inputs can be replaced with potentiometers. The
LMC662 amplifier shown was chosen for its low offset volt-
age and low cost. Note that a negative power supply is
needed for these amplifiers as their outputs may be required
to go slightly negative to force the required reference
voltages.
www.national.com
10


Numéro de pièce similaire - ADC1173CIJMX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC1173CIMTC/NOPB TI1-ADC1173CIMTC/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
ADC1173CIMTCX/NOPB TI1-ADC1173CIMTCX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
More results

Description similaire - ADC1173CIJMX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC1173 TI1-ADC1173 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit, 3-Volt, 15MSPS, 33mW A/D Converter
logo
National Semiconductor ...
CLC935 NSC-CLC935 Datasheet
271Kb / 12P
   12-bit, 15MSPS A/D Converter
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
logo
Fujitsu Component Limit...
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
   3-Channel 8-Bit D/A Converter
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
   3-Channel 8-Bit D/A Converter
logo
Rohm
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
   3-channel 8-bit D / A converter
logo
Renesas Technology Corp
M62343GP RENESAS-M62343GP_08 Datasheet
119Kb / 8P
   8-Bit, 3-Channel D/A Converter (Buffered)
M62343GP RENESAS-M62343GP Datasheet
104Kb / 8P
   8-Bit, 3-Channel D/A Converter (Buffered)
logo
Fujitsu Component Limit...
MB40978 FUJITSU-MB40978 Datasheet
208Kb / 12P
   3-Channel 8-Bit RGB D/A Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com