Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10731CIWM Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC10731CIWM
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux,
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10731CIWM Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC10731CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC10731CIWM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Typical Performance Characteristics (Continued)
Typical Reference Performance Characteristics
Linearity Error
vs Clock Frequency
DS011390-41
Linearity Error
vs Reference Voltage
DS011390-42
Linearity Error
vs Temperature
DS011390-43
10-Bit Unsigned
Signal-to-Noise + THD Ratio
vs Input Signal Level
DS011390-44
Spectral Response with
34 kHz Sine Wave
DS011390-45
Power Bandwidth Response
with 380 kHz Sine Wave
DS011390-46
Load Regulation
DS011390-47
Line Regulation
DS011390-48
Output Drift
vs Temperature
(3 Typical Parts)
DS011390-49
www.national.com
11


Numéro de pièce similaire - ADC10731CIWM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10731CIWM NSC-ADC10731CIWM Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
More results

Description similaire - ADC10731CIWM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 TI1-ADC12030 Datasheet
2Mb / 52P
[Old version datasheet]   12-Bit Plus Sign Serial I/O A/D Converters
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com