Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM4379BZDNA80 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM4379BZDNA80
Description  Sitara Processors
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM4379BZDNA80 Fiches technique(HTML) 5 Page - Texas Instruments

  AM4379BZDNA80 Datasheet HTML 1Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 2Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 3Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 4Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 5Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 6Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 7Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 8Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 266 page
background image
5
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851C – JUNE 2014 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information, see Section 7, Mechanical, Packaging, and Orderable Information.
1.3
Description
The TI AM437x high-performance processors are based on the ARM Cortex-A9 core.
The processors are enhanced with 3D graphics acceleration for rich graphical user interfaces, as well as a
coprocessor for deterministic, real-time processing including industrial communication protocols, such as
EtherCAT, PROFIBUS, EnDat, and others. The devices support high-level operating systems (HLOS).
Linux® is available free of charge from TI. Other HLOSs are available from TI's Design Network and
ecosystem partners.
These devices offer an upgrade to systems based on lower performance ARM cores and provide updated
peripherals, including memory options such as QSPI-NOR and LPDDR2.
The processors contain the subsystems shown in Figure 1-1, and a brief description of each follows.
The processor subsystem is based on the ARM Cortex-A9 core, and the PowerVR SGX™ graphics
accelerator subsystem provides 3D graphics acceleration to support display and advanced user interfaces.
The programmable real-time unit subsystem and industrial communication subsystem (PRU-ICSS) is
separate from the ARM core and allows independent operation and clocking for greater efficiency and
flexibility. The PRU-ICSS enables additional peripheral interfaces and real-time protocols such as
EtherCAT, PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, EnDat, and others. The
PRU-ICSS enables EnDat and another industrial communication protocol in parallel. Additionally, the
programmable nature of the PRU-ICSS, along with their access to pins, events and all system-on-chip
(SoC) resources, provides flexibility in implementing fast real-time responses, specialized data handling
operations, custom peripheral interfaces, and in off-loading tasks from the other processor cores of the
SoC.
High-performance interconnects provide high-bandwidth data transfers for multiple initiators to the internal
and external memory controllers and to on-chip peripherals. The device also offers a comprehensive
clock-management scheme.
One on-chip analog to digital converter (ADC0) can couple with the display subsystem to provide an
integrated touch-screen solution. The other ADC (ADC1) can combine with the pulse width module to
create a closed-loop motor control solution.
The RTC provides a clock reference on a separate power domain. The clock reference enables a battery-
backed clock reference.
The camera interface offers configuration for a single- or dual-camera parallel port.
Cryptographic acceleration is available in every AM437x device. Secure boot is available only on
AM437xHS devices for anticloning and illegal software update protection. For more information about
secure boot and HS devices, contact your TI sales representative.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM4376ZDN
NFBGA (491)
17.0 mm × 17.0 mm
AM4377ZDN
NFBGA (491)
17.0 mm × 17.0 mm
AM4378ZDN
NFBGA (491)
17.0 mm × 17.0 mm
AM4379ZDN
NFBGA (491)
17.0 mm × 17.0 mm


Numéro de pièce similaire - AM4379BZDNA80

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM4379 TI1-AM4379 Datasheet
2Mb / 266P
[Old version datasheet]   AM437x Sitara Processors
More results

Description similaire - AM4379BZDNA80

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com