Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS259270 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS259270
Description  4.5V to 18-V eFuse with Blocking FET Control
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259270 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS259270 Datasheet HTML 2Page - Texas Instruments TPS259270 Datasheet HTML 3Page - Texas Instruments TPS259270 Datasheet HTML 4Page - Texas Instruments TPS259270 Datasheet HTML 5Page - Texas Instruments TPS259270 Datasheet HTML 6Page - Texas Instruments TPS259270 Datasheet HTML 7Page - Texas Instruments TPS259270 Datasheet HTML 8Page - Texas Instruments TPS259270 Datasheet HTML 9Page - Texas Instruments TPS259270 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS259270, TPS259271
SLVSCU8A – AUGUST 2015 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, VIN = 12 V, VEN /UVLO = 2 V, RILIM = 100 kΩ, CdVdT = OPEN. All voltages referenced to GND (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT (PASS FET OUTPUT)
TJ = 25°C
21
28
37
RDS(on)
FET ON resistance
m
Ω
TJ = 125°C
39
48
IOUT-OFF-LKG
VEN/UVLO = 0 V, VOUT = 0 V (Sourcing)
–5
0
1.2
OUT Bias current in off state
µA
IOUT-OFF-SINK
VEN/UVLO = 0 V, VOUT = 300 mV (Sinking)
10
15
20
BFET (BLOCKING FET GATE DRIVER)
IBFET
BFET Charging current(1)
VBFET = VOUT
2
µA
VVIN +
VBFETmax
BFET Clamp voltage(1)
V
6.4
BFET Discharging resistance to
RBFETdisch
VEN/UVLO = 0 V, IBFET = 100 mA
15
26
36
Ω
GND
TSD (THERMAL SHUT DOWN)
TSHDN
TSD Threshold, rising(1)
150
°C
TSHDNhyst
TSD Hysteresis(1)
10
°C
TPS259270
LATCHED
Thermal fault: latched or autoretry
TPS259271
AUTO-RETRY
7.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN/UVLO
→ H to IVIN = 100 mA, 1-A resistive load at
TON
Turn-on delay(1)
220
µs
OUT
tOFFdly
Turn Off delay(1)
EN
↓ to BFET↓, CBFET = 0
0.4
µs
dV/dT (OUTPUT RAMP CONTROL)
EN/UVLO
→ H to OUT = 11.7 V, CdVdT = 0
0.7
1
1.3
tdVdT
Output ramp time
ms
EN/UVLO
→ H to OUT = 11.7 V, CdVdT = 1 nF
(1)
12
ILIM (CURRENT LIMIT PROGRAMMING)
tFastOffDly
Fast-Trip comparator delay(1)
IOUT > IFASTRIP to IOUT= 0 (Switch Off)
300
ns
BFET (BLOCKING FET GATE DRIVER)
EN/UVLO
→ H to VBFET = 12 V, CBFET = 1 nF
4.2
tBFET-ON
BFET Turn-On duration(1)
ms
EN/UVLO
→ H to VBFET = 12 V, CBFET = 10 nF
42
EN/UVLO
→ L to VBFET = 1 V, CBFET = 1 nF
0.4
tBFET-OFF
BFET Turn-off duration(1)
µs
EN/UVLO
→ L to VBFET = 1 V, CBFET = 10 nF
1.4
Thermal Shutdown (TSD)
Retry delay after TSD recovery,
tTSDdly
TPS259271 only
100
µs
TJ < [TSHDN - 10°C]
(1)
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS259270 TPS259271


Numéro de pièce similaire - TPS259270

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Description similaire - TPS259270

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Texas Instruments
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com