Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ23603TZE Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LMZ23603TZE
Description  3A SIMPLE SWITCHER Power Module
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23603TZE Fiches technique(HTML) 4 Page - Texas Instruments

  LMZ23603TZE Datasheet HTML 1Page - Texas Instruments LMZ23603TZE Datasheet HTML 2Page - Texas Instruments LMZ23603TZE Datasheet HTML 3Page - Texas Instruments LMZ23603TZE Datasheet HTML 4Page - Texas Instruments LMZ23603TZE Datasheet HTML 5Page - Texas Instruments LMZ23603TZE Datasheet HTML 6Page - Texas Instruments LMZ23603TZE Datasheet HTML 7Page - Texas Instruments LMZ23603TZE Datasheet HTML 8Page - Texas Instruments LMZ23603TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LMZ23603
SNVS711J – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD-22-114.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
6
36
V
EN, SYNC
0
5
V
Operation Junction Temperature
−40
125
°C
6.4 Thermal Information
LMZ23603
THERMAL METRIC(1)
NDW
UNIT
7 PINS
4-layer Evaluation Printed-Circuit-Board, 60 vias, No
12.0
Junction-to-ambient thermal
air flow
RθJA
°C/W
resistance(2)
2-layer JEDEC Printed-Circuit-Board, No air flow
21.5
Junction-to-case (top) thermal
RθJC(top)
No air flow
1.9
°C/W
resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
RθJA measured on a 3.5-in × 3.5-in 4-layer board, with 3-oz. copper on outer layers and 2-oz. copper on inner layers, sixty thermal vias,
no air flow, and 1-W power dissipation. Refer to PCB layout diagrams.
6.5 Electrical Characteristics
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are specified through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12V, VOUT = 3.3V
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
1.279
VEN
EN threshold trip point
VEN rising
V
over the junction temperature (TJ)
1.1
1.458
range of –40°C to +125°C
EN input hysteresis
VEN-HYS
VEN > 1.279 V
–21
µA
current
SOFT-START
50
ISS
SS source current
VSS = 0 V
µA
over the junction temperature (TJ)
40
60
range of –40°C to +125°C
tSS
Internal soft-start interval
1.6
ms
CURRENT LIMIT
over the junction temperature (TJ)
ICL
Current limit threshold
DC average
3.4
A
range of –40°C to +125°C
INTERNAL SWITCHING OSCILLATOR
Free-running oscillator
fosc
Sync input connected to ground.
711
812
914
kHz
frequency
fsync
Synchronization range
650
950
kHz
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ23603


Numéro de pièce similaire - LMZ23603TZE

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ23603 NSC-LMZ23603 Datasheet
2Mb / 10P
   Evaluation Board to be an easy-to-use platform to evaluate
More results

Description similaire - LMZ23603TZE

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ14203HTZ NSC-LMZ14203HTZ Datasheet
632Kb / 20P
   3A SIMPLE SWITCHER Power Module for High Output
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com