Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ22010TZE Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LMZ22010TZE
Description  10A SIMPLE SWITCHER Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010TZE Fiches technique(HTML) 2 Page - Texas Instruments

  LMZ22010TZE Datasheet HTML 1Page - Texas Instruments LMZ22010TZE Datasheet HTML 2Page - Texas Instruments LMZ22010TZE Datasheet HTML 3Page - Texas Instruments LMZ22010TZE Datasheet HTML 4Page - Texas Instruments LMZ22010TZE Datasheet HTML 5Page - Texas Instruments LMZ22010TZE Datasheet HTML 6Page - Texas Instruments LMZ22010TZE Datasheet HTML 7Page - Texas Instruments LMZ22010TZE Datasheet HTML 8Page - Texas Instruments LMZ22010TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
2
Applications ........................................................... 1
8.2
Typical Application ................................................. 18
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 24
4
Revision History..................................................... 2
10
Layout................................................................... 24
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 24
6
Specifications......................................................... 4
10.2
Layout Examples................................................... 25
6.1
Absolute Maximum Ratings ..................................... 4
10.3
Power Dissipation and Thermal Considerations ... 27
6.2
ESD Ratings.............................................................. 4
10.4
Power Module SMT Guidelines ............................ 27
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 29
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 29
6.5
Electrical Characteristics........................................... 5
11.2
Documentation Support ........................................ 29
6.6
Typical Characteristics ............................................. 6
11.3
Community Resources.......................................... 29
7
Detailed Description ............................................ 14
11.4
Trademarks ........................................................... 29
7.1
Overview ................................................................. 14
11.5
Electrostatic Discharge Caution ............................ 29
7.2
Functional Block Diagram ....................................... 14
11.6
Glossary ................................................................ 29
7.3
Feature Description................................................. 14
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 17
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (October 2013) to Revision H
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Deleted Easy-to-Use Pin Package image ............................................................................................................................. 1
Changes from Revision F (March 2013) to Revision G
Page
Deleted 12 mils ....................................................................................................................................................................... 3
Deleted 12 mil......................................................................................................................................................................... 4
Changed 12 mil .................................................................................................................................................................... 24
Changed 12 mil .................................................................................................................................................................... 27
Added Power Module SMT Guidelines................................................................................................................................. 27
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010


Numéro de pièce similaire - LMZ22010TZE

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ22010 NSC-LMZ22010 Datasheet
2Mb / 16P
   Sharing Evaluation Board power modules are easy-to-use DC-DC
More results

Description similaire - LMZ22010TZE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com