Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3642TLE-LT Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM3642TLE-LT
Description  Synchronous Boost LED Flash Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLE-LT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM3642TLE-LT Datasheet HTML 7Page - Texas Instruments LM3642TLE-LT Datasheet HTML 8Page - Texas Instruments LM3642TLE-LT Datasheet HTML 9Page - Texas Instruments LM3642TLE-LT Datasheet HTML 10Page - Texas Instruments LM3642TLE-LT Datasheet HTML 11Page - Texas Instruments LM3642TLE-LT Datasheet HTML 12Page - Texas Instruments LM3642TLE-LT Datasheet HTML 13Page - Texas Instruments LM3642TLE-LT Datasheet HTML 14Page - Texas Instruments LM3642TLE-LT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
Feature Description (continued)
7.3.3.5 Undervoltage Lockout (UVLO)
The LM3642 has an internal comparator that monitors the voltage at IN which will force the LM3642 into
shutdown if the input voltage drops to 2.8 V. If the UVLO monitor threshold is tripped, the UVLO flag bit will be
set in the Flags Register. If the input voltage rises above 2.8 V, the LM3642 will not be available for operation
until there is an I2C read command initiated for the Flags Register. Upon a read, the flag register will be cleared,
and normal operation can resume. This feature can be disabled by writing a ‘0’ to the UVLO EN bit in the Input
Voltage Flash Monitor Register. The mode bits in the Enable Register are cleared upon a UVLO event.
7.3.3.6 Thermal Shutdown (TSD)
When the LM3642 device’s die temperature reaches 150°C the boost converter shuts down, and the NFET and
PFET turn off, as does the current source (LED). When the thermal shutdown threshold is tripped, a '1' gets
written to the corresponding bit of the Flags Register (Thermal Shutdown bit), and the LM3642 will go into
standby. The LM3642 will only be allowed to restart after the Flags Register is read, clearing the fault flag. Upon
restart, if the die temperature is still above 150°C, the LM3642 will reset the fault flag and re-enter standby. The
mode bits in the Enable Register are cleared upon a TSD.
7.3.3.7 LED and/or VOUT Fault
The LED Fault flag in the Flags Register reads back a '1' if the part is active in Flash or Torch Mode and the LED
output or the VOUT node experiences short condition. The LM3642 determines an LED open condition if the OVP
threshold is crossed at the OUT pin while the device is in Flash or Torch Mode. An LED short condition is
determined if the voltage at LED goes below 500 mV (typ.) while the device is in Torch or Flash Mode. There is a
delay of 256-
μs deglitch time before the LED flag is valid and 2.048 ms before the VOUT flag is valid. This delay is
the time between when the Flash or Torch current is triggered and when the LED voltage and the output voltage
is sampled. The LED flag can be reset by reading back the flags register. The mode bits in the Enable Register
are cleared upon an LED and/or VOUT fault.
7.4 Device Functional Modes
7.4.1 Start-up (Enabling the Device)
Turnon of the LM3642 Torch and Flash Modes can be done through the Enable Register. On start-up, when
VOUT is less than VIN the internal synchronous PFET turns on as a current source and delivers 350 mA (typ.) to
the output capacitor. During this time the current source (LED) is off. When the voltage across the output
capacitor reaches 2.2V (typ.), the current source will turn on. At turnon the current source will step through each
Flash or Torch level until the target LED current is reached. This gives the device a controlled turnon and limits
inrush current from the VIN supply.
7.4.2 Pass Mode
The LM3642 starts up in Pass Mode and stays there until Boost Mode is needed to maintain regulation. If the
voltage difference between VOUT and VLED falls below VHR, the device switches to Boost Mode. In Pass Mode the
boost converter does not switch and the synchronous PFET turns fully on bringing VOUT up to VIN – ILED × RPMOS.
In Pass Mode the inductor current is not limited by the peak current limit. In this situation the output current must
be limited to 2 A.
7.4.3 Flash Mode
In Flash Mode, the LED current source (LED) provides 16 target current levels from 93.75 mA to 1500 mA. The
Flash currents are adjusted via the Current Control Register. Flash Mode is activated by the Enable Register, or
by pulling the STROBE pin HIGH. Once the Flash sequence is activated the current source (LED) will ramp up to
the programmed Flash current by stepping through all current steps until the programmed current is reached.
When the part is enabled in the Flash Mode through the Enable Register, all mode bits in the Enable Register
are cleared after a flash time-out event.
Table 1 shows the I2C commands and the state of the mode bits, if the STROBE pin is used to enable the Flash
Mode.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3642


Numéro de pièce similaire - LM3642TLE-LT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
More results

Description similaire - LM3642TLE-LT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com