Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALPHA400 Fiches technique(PDF) 9 Page - DENSEI-LAMBDA

No de pièce ALPHA400
Description  Modular Watt Box Multi-Output Power Supplies 250W/400W/600W/800W/1250W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAMBDA [DENSEI-LAMBDA]
Site Internet  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ALPHA400 Fiches technique(HTML) 9 Page - DENSEI-LAMBDA

Back Button ALPHA400 Datasheet HTML 2Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 3Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 4Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 5Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 6Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 7Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 8Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 9Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 10Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
188
Alpha1250-12
Alpha1250-24
Alpha 1250 Common specification
1 Nominal Output Voltage
2 Maximum Output Current
3 Maximum Output Power
4 Efficiency (typ)
(*1)
5 Input Voltage Range
(*2)
6 Input Current (typ)
7 Output Voltage Accuracy
8 Output Voltage Range
(*3)
9 Maximum Ripple & Noise
(*4)
10 Maximum Line Regulation
11 Maximum Load Regulation
(*5)
12 Over Current Protection
(*6)
13 Over Voltage Protection
(*7)
14 Remote Sensing
15 Remote On/Off
16 Series / parallel operation
17 Inrush Current
(*8)
18 PFHC
19 Power Factor
20 Over Output Power Protection
21 Hold-up time (typ)
(*1)
22 Leakage Current
(*1)
23 Operating Temperature
24 Operating Humidity
25 Storage Temperature
26 Storage Humidity
27 Cooling
28 Withstand Voltage
29 Isolation Resistance
30 Vibration
31 Shock
32 Safety Standard
33 Conducted Emission
34 Radiated Emission
35 Immunity
36 Weight
37 Size (W x H x D)
Specifications (please read the instruction manual before design)
12V
24V
104A
52A
1248W
1248W
80%
200 ~ 265VAC(47 ~ 63Hz)
7.0A: 230VAC AT 1248W
11.88 ~ 12.12V
23.76 ~ 24.24V
Fixed
240mV
480mV
60mV
72mV
240mV
480mV
105 ~ 112A
53 ~ 58A
16.2 ~ 18.6V
32.4 ~ 37.2V
Possible(Max 1V for total drop)
Available
Not available
40A max. (Ta=25˚C Cold start)
Built to meet EN61000-3-2 (PFHC Range : 200 ~ 255VAC)
230VAC: 0.95 at 1248W
more than 1260W
10ms
Less than 0.95mA
0 ~ +50˚C
30 ~ 90%Rh (No Dewdrop)
-30 ~ +85˚C
10 ~ 95%Rh (No Dewdrop)
Forced Air by Blower Fan
Input - FG: 1.5kVAC (20mA) for 1min. Input - Output: 3kVAC (20mA) for 1min.
More than 100M
Ω Output - FG: 500VDC at 25˚C, 70%Rh
At no operating, 10 ~ 55Hz (Sweep for 1min) 19.6m/s2 Constant, X, Y, Z, 1hour each
Less than 196.1m/s2
Built to meet UL60950, CSA60950-00(C-UL), EN60950(SEMKO)
Built to meet EN55022-A, VCCI-A
Built to meet EN55022-A, VCCI-A
Built to meet EN61000-4-2 Level 4, EN61000-4-3 Level 3, EN61000-4-4 Level 4, EN61000-4-5 Level 3
3400g
175.5mm x 63mm x 279mm (Refer to Outline Drawing)
*Read instruction manual carefully, before using the power supply unit.
=NOTES=
(*1) At 230VAC Nominal output voltage and maximum output current. Total output power 1248W (Ta=25˚C)
(*2) For cases where conformance to various safety specs are required, input voltage range will be 200 ~ 240VAC (50/60Hz).
(*3) Factory Programmed (Available for
10% setting Range)
(*4) 100MHz B. W JEITA RC-9131 Method
(*5) When remote sense connected.
(*6) Constant Current Limit Auto recovery.
(*7) Output Shut Down Method Manual reset (Line recycle).
(*8) When resuming operation in less than 10 sec. after power failure at no load, soft start circuit will not limit the inrush current at turn - on.
Not applicable for the inrush current to Noise Filter less than 0.2 ms.


Numéro de pièce similaire - ALPHA400

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ALPHA-7 ETC2-ALPHA-7 Datasheet
331Kb / 3P
   High grade mounting adhesive
ALPHA-8 ETC2-ALPHA-8 Datasheet
292Kb / 2P
   Various cable and connector options
ALPHA-RX ETC1-ALPHA-RX Datasheet
494Kb / 16P
   ALPHA RF MODULES
ALPHA-RX433S ETC1-ALPHA-RX433S Datasheet
494Kb / 16P
   ALPHA RF MODULES
ALPHA-RX915S ETC1-ALPHA-RX915S Datasheet
494Kb / 16P
   ALPHA RF MODULES
More results

Description similaire - ALPHA400

FabricantNo de pièceFiches techniqueDescription
logo
FSP TECHNOLOGY INC.
FSP250-H24-A FSP-FSP250-H24-A Datasheet
531Kb / 3P
   250W ITE Power Supplies
2022.04
logo
TDK Electronics
CUS250LD TDK-CUS250LD Datasheet
699Kb / 3P
   Single Output 250W Low Profi le Power Supplies
logo
Eutech Microelectronics...
EUP2683 EUTECH-EUP2683 Datasheet
1Mb / 1P
   Multi-Output Power Supplies
logo
MicroPower Direct, LLC
MPA800R MPD-MPA800R Datasheet
368Kb / 2P
   Industrial 800W Single Output Power Factor Corrected AC/DC Power Supplies
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
   250W Output Power
logo
TDK Electronics
Z36-12-IEEE-U TDK-Z36-12-IEEE-U Datasheet
159Kb / 2P
   200 to 800W Programmable Power Supplies
logo
List of Unclassifed Man...
Z10-20-LAN-L-U ETC2-Z10-20-LAN-L-U Datasheet
159Kb / 1P
   200 to 800W Programmable Power Supplies
logo
TDK Electronics
Z10-20-U TDK-Z10-20-U Datasheet
159Kb / 2P
   200 to 800W Programmable Power Supplies
logo
Astrodyne Corporation
ANC ASTRODYNE-ANC Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
ASC ASTRODYNE-ASC Datasheet
254Kb / 3P
   30 Watt Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com