Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4148WP Fiches technique(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

No de pièce CD4148WP
Description  Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Site Internet  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

CD4148WP Fiches technique(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  CD4148WP Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. CD4148WP Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. CD4148WP Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. CD4148WP Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. CD4148WP Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd. CD4148WP Datasheet HTML 6Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 3. Forward Current De-rating
Figure 4. Reverse Voltage De-rating
0
100
200
300
400
500
0
20
40
60
80
100 120 140 160 180 200
Tamb-Ambient Temperature/oC
0
50
100
150
200
0
20
40
60
80
100 120 140 160 180 200
Tamb-Ambient Temperature/oC
TEST CHARACTERISTICS
Test Item
Test Condition
Requirement
Solderability
Sn bath at 245±5oC for 2±0.5s
>95% area tin covered
Resistance to Soldering Heat
Sn bath at 260±5oC for 10±2s
VF,VR & IR within spec;
no mechanical damage
Humidity Steady State
At 85oC 85%RH for 168hrs
VF,VR & IR within spec
Continue Forward Operating Life
At 25oC IF =1.1IF for 1000hrs
VF,VR & IR within spec
Thermal Shock
-55 ±5oC/5min to 150±5oC/5min
for 10cycles
VF,VR & IR within spec
Bending Strength
Bending up to 2mm for 1cycle
VF,VR & IR within spec;
no mechanical damage
Switching Diode
CD4148WP
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Numéro de pièce similaire - CD4148WP

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
CD4148WP MOSPEC-CD4148WP Datasheet
157Kb / 3P
   Small-Signal Chip Diode
logo
PACELEADER INDUSTRIAL
CD4148WP PACELEADER-CD4148WP Datasheet
300Kb / 2P
   SMALL-SIGNAL CHIP DIODE
logo
MAKO SEMICONDUCTOR CO.,...
CD4148WP MAKOSEMI-CD4148WP Datasheet
168Kb / 2P
   Switching Diode
logo
Shunye Enterprise
CD4148WP SHUNYE-CD4148WP Datasheet
561Kb / 6P
   SMALL SIGNAL SWITCHING DIODE
logo
GUANGDONG HOTTECH INDUS...
CD4148WP HOTTECH-CD4148WP Datasheet
321Kb / 2P
   Switching Diode
More results

Description similaire - CD4148WP

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com