Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES1J Fiches technique(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

No de pièce ES1J
Description  SURFACE MOUNT SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Site Internet  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

ES1J Fiches technique(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  ES1J Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. ES1J Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A THRU ES1J
SURFACE MOUNT SUPER FAST RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
0.95
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
R
θJA
CJ
TJ,TSTG
60.0
15.0
-50 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
35
ns
ES1A ES1B
ES1C
ES1D ES1E
ES1G
ES1J
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
150
105
150
400
280
400
600
420
600
200
140
200
300
210
300
1.25
Dimensions in inches and (millimeters)
Case: JEDEC DO-214AC molded plastic body over passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.002 ounce, 0.07 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
0.177(4.50)
0.157(3.99)
0.110(2.80)
0.100(2.54)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.42)
0.078(1.98)
DO-214AC/SMA
Glass passivated chip junction
0.067 (1.70)
0.051 (1.30)
1.7
0.208(5.28)
0.188(4.80)
MDD Catalog Number


Numéro de pièce similaire - ES1J

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
ES1J PANJIT-ES1J Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Galaxy Semi-Conductor H...
ES1J BILIN-ES1J Datasheet
487Kb / 4P
   Super-Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1J DACHANG-ES1J Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
TAITRON Components Inco...
ES1J TAITRON-ES1J Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
logo
First Silicon Co., Ltd
ES1J FS-ES1J Datasheet
132Kb / 2P
   Super Fast Rectifier
More results

Description similaire - ES1J

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com