Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ13610TZ Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LMZ13610TZ
Description  10A SIMPLE SWITCHER Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13610TZ Fiches technique(HTML) 3 Page - Texas Instruments

  LMZ13610TZ Datasheet HTML 1Page - Texas Instruments LMZ13610TZ Datasheet HTML 2Page - Texas Instruments LMZ13610TZ Datasheet HTML 3Page - Texas Instruments LMZ13610TZ Datasheet HTML 4Page - Texas Instruments LMZ13610TZ Datasheet HTML 5Page - Texas Instruments LMZ13610TZ Datasheet HTML 6Page - Texas Instruments LMZ13610TZ Datasheet HTML 7Page - Texas Instruments LMZ13610TZ Datasheet HTML 8Page - Texas Instruments LMZ13610TZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
PGND/EP
Connect to AGND
5
AGND
6
AGND
3
AGND
1
VIN
2
VIN
4
EN
7
FB
SS
9
NC
10
VOUT
11
VOUT
8
LMZ13610
www.ti.com
SNVS709G – MARCH 2011 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
NDY Package
11-Pin
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
3
AGND
5
Ground
Analog Ground — Reference point for all stated voltages. Must be externally connected to EP/PGND.
6
Enable — Input to the precision enable comparator. Rising threshold is 1.274 V typical. Once the
EN
4
Analog
module is enabled, a 20-µA source current is internally activated to accommodate programmable
hysteresis.
Feedback — Internally connected to the regulation, overvoltage, and short circuit comparators. The
FB
7
Analog
regulation reference point is 0.8 V at this input pin. Connect the feedback resistor divider between the
output and AGND to set the output voltage.
NC
9
No Connect. This pin must remain floating, do not ground.
Exposed Pad / Power Ground Electrical path for the power circuits within the module. — NOT Internally
PGND
Power
connected to AGND / pin 5. Used to dissipate heat from the package during operation. Must be
electrically connected to pin 5 external to the package.
Soft-Start/Track input — To extend the 1.6-ms internal soft-start connect an external soft-start capacitor.
SS
8
Analog
For tracking connect to an external resistive divider connected to a higher priority supply rail. See
Design Steps section.
1
Supply input — Nominal operating range is 6 V to 36 V. A small amount of internal capacitance is
VIN
Power
contained within the package assembly. Additional external input capacitance is required between this
2
pin and PGND.
10
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and
VOUT
Power
PGND.
11
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN to PGND
–0.3
40
V
EN to AGND
–0.3
5.5
V
SS, FB to AGND
–0.3
2.5
V
AGND to PGND
–0.3
0.3
V
Junction temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For soldering specifications: see product folder at www.ti.com and literature number SNOA549
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ13610


Numéro de pièce similaire - LMZ13610TZ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ13610TZ TI1-LMZ13610TZ Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610TZE TI1-LMZ13610TZE Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results

Description similaire - LMZ13610TZ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com