Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25019MRX Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM25019MRX
Description  100-mA Constant On-Time Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25019MRX Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM25019MRX Datasheet HTML 7Page - Texas Instruments LM25019MRX Datasheet HTML 8Page - Texas Instruments LM25019MRX Datasheet HTML 9Page - Texas Instruments LM25019MRX Datasheet HTML 10Page - Texas Instruments LM25019MRX Datasheet HTML 11Page - Texas Instruments LM25019MRX Datasheet HTML 12Page - Texas Instruments LM25019MRX Datasheet HTML 13Page - Texas Instruments LM25019MRX Datasheet HTML 14Page - Texas Instruments LM25019MRX Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
0.07 x VIN
TOFF(ILIM) =
VFB + 0.2V
Ps
10
ON
ON
IN
10
R
T
V
u
LM25019
www.ti.com
SNVS952E – DECEMBER 2012 – REVISED NOVEMBER 2015
Feature Description (continued)
7.3.3 Regulation Comparator
The feedback voltage at FB is compared to an internal 1.225 V reference. In normal operation, when the output
voltage is in regulation, an on-time period is initiated when the voltage at FB falls below 1.225 V. The high-side
switch will stay on for the on-time, causing the FB voltage to rise above 1.225 V. After the on-time period, the
high-side switch will stay off until the FB voltage again falls below 1.225 V. During start-up, the FB voltage will be
below 1.225 V at the end of each on-time, causing the high-side switch to turn on immediately after the minimum
forced off-time of 144 ns. The high-side switch can be turned off before the on-time is over if the peak current in
the inductor reaches the current limit threshold.
7.3.4 Overvoltage Comparator
The feedback voltage at FB is compared to an internal 1.62 V reference. If the voltage at FB rises above 1.62 V
the on-time pulse is immediately terminated. This condition can occur if the input voltage and/or the output load
changes suddenly. The high-side switch will not turn on again until the voltage at FB falls below 1.225 V.
7.3.5 On-Time Generator
The on-time for the LM25019 device is determined by the RON resistor, and is inversely proportional to the input
voltage (VIN), resulting in a nearly constant frequency as VIN is varied over its range. The on-time equation for the
LM25019 device is shown in Equation 3.
(3)
See Figure 5. RON should be selected for a minimum on-time (at maximum VIN) greater than 100 ns, for proper
operation. This requirement limits the maximum switching frequency for high VIN.
7.3.6 Current Limit
The LM25019 device contains an intelligent current limit off-timer. If the current in the buck switch exceeds
240 mA, the present cycle is immediately terminated, and a nonresetable off-timer is initiated. The length of off-
time is controlled by the FB voltage and the input voltage VIN. As an example, when FB = 0 V and VIN = 48 V, the
maximum off-time is set to 16
μs. This condition occurs when the output is shorted, and during the initial part of
start-up. This amount of time ensures safe short circuit operation up to the maximum input voltage of 48 V.
In cases of overload where the FB voltage is above zero volts (not a short circuit) the current limit off-time is
reduced. Reducing the off-time during less severe overloads reduces the amount of foldback, recovery time, and
start-up time. The off-time is calculated from Equation 4.
(4)
The current limit protection feature is peak limited. The maximum average output will be less than the peak.
7.3.7 N-Channel Buck Switch and Driver
The LM25019 device integrates an N-Channel Buck switch and associated floating high voltage gate driver. The
gate driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A
0.01-uF ceramic capacitor connected between the BST pin and the SW pin provides the voltage to the driver
during the on-time. During each off-time, the SW pin is at approximately 0 V, and the bootstrap capacitor charges
from VCC through the internal diode. The minimum off-timer, set to 144 ns, ensures a minimum time each cycle to
recharge the bootstrap capacitor.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25019


Numéro de pièce similaire - LM25019MRX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25019MRX/NOPB TI-LM25019MRX/NOPB Datasheet
331Kb / 18P
[Old version datasheet]   48V, 100mA Constant On-Time Synchronous Buck Regulator
More results

Description similaire - LM25019MRX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com