Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3402HVMM Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LM3402HVMM
Description  0.5A Constant Current Buck Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402HVMM Fiches technique(HTML) 3 Page - Texas Instruments

  LM3402HVMM Datasheet HTML 1Page - Texas Instruments LM3402HVMM Datasheet HTML 2Page - Texas Instruments LM3402HVMM Datasheet HTML 3Page - Texas Instruments LM3402HVMM Datasheet HTML 4Page - Texas Instruments LM3402HVMM Datasheet HTML 5Page - Texas Instruments LM3402HVMM Datasheet HTML 6Page - Texas Instruments LM3402HVMM Datasheet HTML 7Page - Texas Instruments LM3402HVMM Datasheet HTML 8Page - Texas Instruments LM3402HVMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
DAP
SW
1
RON
2
VIN
3
BOOT
4
VCC
8
GND
7
DIM
6
CS
5
LM3402, LM3402HV
www.ti.com
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DGK Package
DDA Package
8-Pin VSSOP
8-Pin HSOP
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
SW
O
Switch pin. Connect this pin to the output inductor and Schottky diode.
2
BOOT
O
MOSFET drive bootstrap pin. Connect a 10-nF ceramic capacitor from this pin to SW.
Input for PWM dimming. Connect a logic-level PWM signal to this pin to enable and disable the power
3
DIM
I
MOSFET and reduce the average light output of the LED array.
4
GND
Ground pin. Connect this pin to system ground.
Current sense feedback pin. Set the current through the LED array by connecting a resistor from this pin to
5
CS
I
ground.
6
RON
I
ON-time control pin. A resistor connected from this pin to VIN sets the regulator controlled ON-time.
Output of the internal 7-V linear regulator. Bypass this pin to ground with a minimum 0.1-µF ceramic capacitor
7
VCC
O
with X5R or X7R dielectric.
Input voltage pin. Nominal operating input range for this pin is 6 V to 42 V (LM3402) or 6 V to 75 V
8
VIN
I
(LM3402HV).
DAP
Thermal Pad. Connect to ground. Place 4-6 vias from DAP to bottom layer ground plane.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3402 LM3402HV


Numéro de pièce similaire - LM3402HVMM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3402HVMM NSC-LM3402HVMM Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMM NSC-LM3402HVMM Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMM TI1-LM3402HVMM Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402HVMM TI-LM3402HVMM Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402HVMMX NSC-LM3402HVMMX Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results

Description similaire - LM3402HVMM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402HVMR TI-LM3402HVMR Datasheet
1Mb / 38P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402 Datasheet
844Kb / 22P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Current Buck Regulator
LM3402 TI1-LM3402_11 Datasheet
570Kb / 30P
[Old version datasheet]   LM3402/LM3402HV 0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Shenzhen Huazhimei Semi...
HM9805 HMSEMI-HM9805 Datasheet
492Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8005 XLSEMI-XL8005 Datasheet
142Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8005 ETC2-XL8005 Datasheet
203Kb / 7P
   100V 0.5A Switching Current Buck PFM LED Constant Current Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
   80V 0.5A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com