Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2651 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM2651
Description  1.5 A High-Efficiency Synchronous Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM2651_16 Datasheet HTML 4Page - Texas Instruments LM2651_16 Datasheet HTML 5Page - Texas Instruments LM2651_16 Datasheet HTML 6Page - Texas Instruments LM2651_16 Datasheet HTML 7Page - Texas Instruments LM2651_16 Datasheet HTML 8Page - Texas Instruments LM2651_16 Datasheet HTML 9Page - Texas Instruments LM2651_16 Datasheet HTML 10Page - Texas Instruments LM2651_16 Datasheet HTML 11Page - Texas Instruments LM2651_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM2651
SNVS032E – FEBRUARY 2000 – REVISED JANUARY 2016
www.ti.com
6.6 Typical Characteristics
Figure 1. IQ vs Input Voltage
Figure 2. IQSD vs Input Voltage
Figure 3. IQSD vs Junction Temperature
Figure 4. Frequency vs Junction Temperature
Figure 5. RDS(ON) vs Input Voltage
Figure 6. RDS(ON) vs Junction Temperature
8
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM2651


Numéro de pièce similaire - LM2651_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
More results

Description similaire - LM2651_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
ON Semiconductor
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
   1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com