Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CZRZ6V8B-HF Fiches technique(PDF) 3 Page - Comchip Technology

No de pièce CZRZ6V8B-HF
Description  SMD Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRZ6V8B-HF Fiches technique(HTML) 3 Page - Comchip Technology

  CZRZ6V8B-HF Datasheet HTML 1Page - Comchip Technology CZRZ6V8B-HF Datasheet HTML 2Page - Comchip Technology CZRZ6V8B-HF Datasheet HTML 3Page - Comchip Technology CZRZ6V8B-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
REV:B
Comchip Technology CO., LTD.
QW-JZ007
B
C
d
D
D2
D1
SYMBOL
A
(mm)
(inch)
0.015 +0.001/0.001
0.028 0.001
±
0.014
± 0.001
0.059 + 0.004
7.008 0.039
±
2.142 ± 0.016
0.512 0.008
±
0.39 +0.03/-0.02
0.72 0.03
±
1.50 + 0.10
54.4 ± 0.40
13.0 0.20
±
0.36 0.03
±
178 1.00
±
0201
(DFN0603)
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
Direction of Feed
Reel Taping Specification
E
F
P
P0
P1
T
W
W1
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.079 0.004
±
0.157 0.004
±
0.079 0.004
±
0.009 0.002
±
0.315 0.008
±
0.484 ± 0.004
2.00 0.05
±
3.50 0.05
±
1.75 0.10
±
4.00 0.05
±
2.00 0.05
±
0.23 0.05
±
8.00 0.10
±
12.30 ± 0.10
0201
(DFN0603)
T
C
d
E
P0
P1
F
W
A
B
P
Company reserves the right to improve product design , functions and reliability without notice.
SMD Zener Diode


Numéro de pièce similaire - CZRZ6V8B-HF

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
CZRZ5V1B-HF IDT-CZRZ5V1B-HF Datasheet
1Mb / 35P
   Wireless Power Receiver for 15W Applications
More results

Description similaire - CZRZ6V8B-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com