Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA12 Fiches technique(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

No de pièce CA12
Description  Cascadable Amplifier 10 to 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA12 Fiches technique(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  CA12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CA12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Amplifier
10 to 1000 MHz
Rev. V3
A12 / SMA12
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Outline Drawing: TO-8 *
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount *
Outline Drawing: SMA Connectorized *
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Numéro de pièce similaire - CA12

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
CA12 MACOM-CA12 Datasheet
371Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
CA12 MA-COM-CA12 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
XP Power Limited
CA12 XPPOWER-CA12 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CA12-T XPPOWER-CA12-T Datasheet
853Kb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Cree, Inc
CA12000 CREE-CA12000 Datasheet
939Kb / 14P
   Emily series
More results

Description similaire - CA12

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
   Cascadable Amplifier 10 to 1000 MHz
logo
Tyco Electronics
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A17 MACOM-A17_1 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
RA69 MA-COM-RA69 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com