Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854BMDWREPG4 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2854BMDWREPG4
Description  Advanced High-Power Factor Preregulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854BMDWREPG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button UC2854BMDWREPG4 Datasheet HTML 7Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 8Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 9Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 10Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 11Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 12Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 13Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 14Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
IA C
2 7 0
1 . 4 1 4
R
1 . 5 3 M
2 5 0 µ A
u
:
r s
p k 1
p k 2
r e f
V
R
R
V
u
UC2854B-EP
www.ti.com
SGLS318A – NOVEMBER 2005 – REVISED NOVEMBER 2015
Feature Description (continued)
(1)
This is nearly the same as the UC2854, but circuit differences have improved the performance and application.
The first difference is with the IAC input. The UC2854B regulated this pin voltage to the nominal 500 mV over the
full operating temperature range, rather than the 6 V used on the UC2854. The low offset voltage eliminates the
need for a line zero crossing compensating resistor to VREF from IAC that UC2854 designs require. The
maximum current at high line into Iac should be limited to 250
μA for best performance.
Therefore, if VVAC(max) = 270 V,
(2)
The VRMS pin linear operating range is improved with the UC2854B as well. The input range for VRMS extends
from 0 V to 5.5 V. Since the UC2854A squaring circuit employs an analog multiplier, rather than a linear
approximation, accuracy is improved, and discontinuities are eliminated. The external divider network connected
to VRMS should produce 1.5 V at low line (85 VAC). This puts 4.77 V on VRMS at high line (27 VAC) which is
well within its operating range.
The voltage amplifier output forms the third input to the multiplier and is internally clamped to 6 V. This eliminated
an external zener clamp often used in UC2854 designs. The offset voltage at this input to the multiplier has been
raised on the UC2854A/B to 1.5 V.
The multiplier output pin, which is also common to the current amplifier non-inverting input, has a
−0.3 V to 5 V
output range, compared to the
−0.3 V to 2.5 V range of the UC2854. This improvement allows the UC2854B to
be used in applications where the current sense signal amplitude is large.
8.3.2 Voltage Amplifier
The UC2854B voltage amplifier design is essentially similar to the UC2854 with two exceptions. The first is with
the internal connection. The lower voltage reduces the amount of charge on the compensation capacitors, which
provides improved recovery form large signal events, such as line dropouts, or power interruption. It also
minimizes the dc current flowing through the feedback. The output of the voltage amplifier is also changes. In
addition to a 6-V temperature compensated clamp, the output short circuit current has been lowered to 2 mA
typical and an active pull down has replaced the passive pull down of the UC2854.
8.3.3 Current Amplifier
The current amplifier for an average current PFC controller needs a low offset voltage in order to minimize AC
line current distortion. With this in mind, the UC2854B current amplifier has improved the input offset voltage
from ±4 mV to 0 V to ±3 mV. The negative offset of the UC2854B assures that the PWM circuit will not drive the
MOSFET is the current command is zero (both current amplifier inputs zero.) Previous designs required an
external offset cancellation network to implement this key feature. The bandwidth of the current amplifier has
been improved as well to 5 MHz typical. While this is not generally an issue at 50-Hz or 60-Hz inputs, it is
essential for 400-Hz input avionics applications.
8.3.4 Miscellaneous
Several other important enhancements have been implemented in the UC2854B. A VCC supply voltage clamp at
20 V allows the controller to be current fed if desired. The lower startup supply current (250 mA typical),
substantially reduces the power requirements of an offline startup resistor. The 10.5 V/10 V UVLO option
(UC2854B) enables the controller to be powered off of an auxiliary 12-V supply.
The VREF GOOD comparator assures that the MOSFET driver output remains low if the supply of the 7.5 V
reference are not yet up. This improvement eliminates the need for external Schottky diodes on the PKLMT and
Mult Out pins that some UC2854 designs require. The propagation delay of the disable feature has been
improved to 300 ns typical. This delay was proportional to the size of the VREF capacitor on the UC2854 and is
typically several orders of magnitude slower.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UC2854B-EP


Numéro de pièce similaire - UC2854BMDWREPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854BM TI1-UC2854BM Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2854BMDWREPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com