Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854BMDWREPG4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2854BMDWREPG4
Description  Advanced High-Power Factor Preregulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854BMDWREPG4 Fiches technique(HTML) 5 Page - Texas Instruments

  UC2854BMDWREPG4 Datasheet HTML 1Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 2Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 3Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 4Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 5Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 6Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 7Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 8Page - Texas Instruments UC2854BMDWREPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
UC2854B-EP
www.ti.com
SGLS318A – NOVEMBER 2005 – REVISED NOVEMBER 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
J/N/DW
Q/L
VCC
15
19
I
Positive supply rail
Used to set the peak limit point and as an internal reference for various device functions.
VREF
9
12
O
This voltage must be present for the device to operate.
One of the inputs into the multiplier. This pin provides the input RMS voltage to the multiplier
VRMS
8
10
I
circuitry.
This pin provides the feedback from the output. This input goes into the voltage error
VSENSE
11
14
I
amplifier and the output of the error amplifier is another of the inputs into the multiplier
circuit.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
22
V
VSENSE, VRMS, ISENSE MOUT
11
V
Input voltage
PKLMT
5
V
IGTDRV
GTDRV current, continuous
0.5
A
IGTDRV
GTDRV current, 50% duty cycle
1.5
A
Input current
RSET, IAC, PKLMT, ENA
10
mA
TJ
Junction temperature
−55
150
°C
Tsol
Lead temperature, 1.6 mm (1/16 inch) from case for 10 seconds
300
°C
Tstg
Storage temperature
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
10
20
V
TJ
Operating junction temperature
−55
125
°C
7.4 Thermal Information
UC2854B-EP
DW (SOIC)
THERMAL METRIC(1)
UNIT
16 PINS
HIGH
LOW
RθJA
Junction-to-ambient thermal resistance (2)
36.9
38.4
°C/W
RθJC
Junction-to-case thermal resistance
73.1
111.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
RθJA values are based on zero air flow.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UC2854B-EP


Numéro de pièce similaire - UC2854BMDWREPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854BM TI1-UC2854BM Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2854BMDWREPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com