Moteur de recherche de fiches techniques de composants électroniques |
|
UC2854BMDWREPG4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
UC2854BMDWREPG4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 38 page 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 GND PKLMT CAO ISENSE MOUT IAC VAO VRMS GTDRV VCC CT SS RSET VSENSE ENA VREF UC2854B-EP SGLS318A – NOVEMBER 2005 – REVISED NOVEMBER 2015 www.ti.com 6 Pin Configuration and Functions DW Package 16-Pin SOIC Top View Pin Functions PIN I/O DESCRIPTION NAME J/N/DW Q/L Output of the wide bandwidth current amplifier and one of the inputs to the PWM duty-cycle CAO 3 4 O comparator. The output signal generated by this amplifier commands the PWM to force the correct input current. The output can swing from 0.1 V to 7.5 V. CT 14 18 I Capacitor from CT to GND sets the PWM oscillator frequency A nominal voltage above 2.65 V on this pin allows the device to begin operating. Once ENA 10 13 I operating, the device shuts off if this pin goes below 2.15 V nominal. All bypass and timing capacitors connected to GND should have leads as short and direct GND 1 2 — as possible. All voltages are measured with respect GND. Output of the PWM is a 1.5-A peak totem-pole MOSFET gate driver on GTDRV. This output is internally clamped to 15 V so that the device can be operated with VCC as high as 35 V. GTDRV 16 20 O Use a series gate resistor of at least 5 Ω to prevent interaction between the gate impedance and the GTDRV output driver that might cause the GTDRV output to overshoot excessively. Some overshoot of the GTDRV output is always expected when driving a capacitive load. Current input to the multiplier, proportional to the instantaneous line voltage. This input to the analog multiplier is a current. The multiplier is tailored for low distortion from this current input (IAC) to MOUT, so this is the only multiplier input that should be used for sensing IAC 6 8 I instantaneous line voltage. The nominal voltage on ac is 6 V, so in addition to a resistor from IAC to rectified 60 Hz, connect a resistor from IAC to VREF. If the resistor to VREF is one- fourth of the value of the resistor to the rectifier, then the 6-V offset is cancelled, and the line current has minimal cross-over distortion. Switch current sensing input. This is the inverting input to the current amplifier. This input and the non-inverting input MOUT remain functional down to and below GND. Care should ISENSE 4 5 I be taken to avoid taking these inputs below −0.5 V, because they are protected with diodes to GND. Multiplier output and current sense plus. The output of the analog multiplier and the non- inverting input of the current amplifier are connected together at MOUT. The cautions about MOUT 5 7 I/O taking ISENSE below −0.5 V also apply to MOUT. As the multiplier output is a current, this is a high-impedance input similar to ISENSE, so the current amplifier can be configured as a differential amplifier to reject GND noise. Peak limit. The threshold for PKLMT is 0 V. Connect this input to the negative voltage on the PKLMT 2 3 I current sense resistor. Use a resistor to REF to offset the negative current sense signal up to GND. Oscillator charging current and multiplier limit set. A resistor from RSET to ground programs RSET 12 15 I oscillator charging current. Multiplier output current does not exceed 3.75 V divided by the resistor from RSET to ground. Soft-start. SS remains at GND as long as the device is disabled or VCC is too low. SS pulls up to over 8 V by an internal 14-mA current source when both VCC becomes valid and the device is enabled. SS acts as the reference input to the voltage amplifier if SS is below SS 13 17 I VREF. With a large capacitor from SS to GND, the reference to the voltage regulating amplifier rises slowly, and increase the PWM duty cycle slowly. In the event of a disable command or a supply dropout, SS will quickly discharge to ground and disable the PWM. VAO 7 9 I Voltage amplifier input 4 Submit Documentation Feedback Copyright © 2005–2015, Texas Instruments Incorporated Product Folder Links: UC2854B-EP |
Numéro de pièce similaire - UC2854BMDWREPG4 |
|
Description similaire - UC2854BMDWREPG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |