Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2854B-EP Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce UC2854B-EP
Description  Advanced High-Power Factor Preregulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2854B-EP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button UC2854B-EP_15 Datasheet HTML 3Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 4Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 5Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 6Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 7Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 8Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 9Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 10Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TJ − Junction Temperature − °C
80°C, 74M Hrs
100°C, 5.3M Hrs
120°C, 490k Hrs
140°C, 58k Hrs
10k
1M
1G
100k
10M
100M
100
80
90
110
120
130
140
150
90°C, 19M Hrs
110°C, 1.6M Hrs
130°C, 160k Hrs
IA C
V A O
2
V R M S
M O U T
,
9
±
9
( K )
V
I
u
ª
º
u
«
»
¬
¼
(2)
Gain constant.
UC2854B-EP
www.ti.com
SGLS318A – NOVEMBER 2005 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Peak limit propagation delay time(1)
150
ns
MULTIPLIER
IAC = 100 µA, VRMS = 1 V, RSET = 10
Output current, IAC limited
−220
−200
−170
µA
k
Output current, zero
IAC = 0 µA, RSET = 10 kΩ
−2
−0.2
2
µA
Output current, power limited
VRMS = 1.5 V, VA = 6 V
−230
−200
−170
µA
VRMS = 1.5 V, VA = 2 V
−22
VRMS = 1.5 V, VA = 5 V
−156
Output current
µA
VRMS = 5 V, VA = 2 V
−2
VRMS = 5 V, VA = 5 V
−14
Gain constant(2)
VRMS = 1.5 V, VA = 6 V, TA = 25°C
−1.1
−1
−0.9
A/A
GATE DRIVER
VOH
High-level output voltage
IOUT = −200 mA, VCC = 15 V
12
12.8
V
IOUT = 200 mA
1
2.2
V
VOL
Low-level output voltage
IOUT = 10 mA
300
500
mV
Low-level UVLO voltage
IOUT = 50 mA, VCC = 0 V
0.9
1.5
V
Output rise time(1)
CLOAD = 1 nF
35
ns
Output fall time(1)
CLOAD = 1 nF
35
ns
Output peak current(1)
CLOAD = 10 nF
1
A
Figure 1. Wirebond Operating Life Derating Chart
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UC2854B-EP


Numéro de pièce similaire - UC2854B-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
More results

Description similaire - UC2854B-EP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com