Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP168J Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TLP168J
Description  TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP168J Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TLP168J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP168J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP168J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP168J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP168J_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP168J_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP168J
2014-09-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF=10 mA
1.2
1.4
1.7
V
Reverse current
IR
VR = 3 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Peak off
−state current
IDRM
VDRM = 600 V
10
1000
nA
Peak on-state voltage
VTM
ITM = 70 mA
1.7
2.8
V
Holding current
IH
0.6
mA
Critical rate of rise of
off-state voltage
dv / dt
Vin = 240 Vrms, Ta = 85°C
200
500
V / μs
Critical rate of rise of
commutating voltage
dv / dt(c)
Vin = 60 Vrms, IT = 15 mA
0.2
V / μs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
VT = 3V
3
mA
Inhibit voltage
VIH
IF = Rated IFT
50
V
Leakage in inhibited state
IIH
IF = Rated IFT
VT = Rated VDRM
200
600
μA
Capacitance (input to output)
Cs
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
Ω
Isolation voltage
BVS
AC, 1 minute
2500
Vrms
AC, 1 second, in oil
5000
DC, 1 minute, in oil
5000
Vdc


Numéro de pièce similaire - TLP168J_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP168J TOSHIBA-TLP168J_07 Datasheet
159Kb / 5P
   Photocoupler GaA?밃s IRed & Photo-Triac
More results

Description similaire - TLP168J_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
   TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
   TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
   TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
   TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP168J TOSHIBA-TLP168J_07 Datasheet
159Kb / 5P
   Photocoupler GaA?밃s IRed & Photo-Triac
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com