Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC258 Fiches technique(PDF) 3 Page - Hittite Microwave Corporation

No de pièce HMC258
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 14 - 21 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC258 Fiches technique(HTML) 3 Page - Hittite Microwave Corporation

  HMC258 Datasheet HTML 1Page - Hittite Microwave Corporation HMC258 Datasheet HTML 2Page - Hittite Microwave Corporation HMC258 Datasheet HTML 3Page - Hittite Microwave Corporation HMC258 Datasheet HTML 4Page - Hittite Microwave Corporation HMC258 Datasheet HTML 5Page - Hittite Microwave Corporation HMC258 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
5 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
Input IP3 vs. Temperature @ LO = 0 dBm
-10
-5
0
5
10
15
20
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
0 dBm
+2 dBm
-2 dBm
v01.0801
HMC258
Input IP2 vs. Temperature @ LO = 0 dBm
Input IP3 vs. LO Drive
MxN Spurious Outputs
@ LO Drive = 0 dBm
P1dB vs. Temperature @ LO = 0 dBm
-10
-5
0
5
10
15
20
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
+25 C
-55 C
+85 C
20
25
30
35
40
45
50
55
60
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
+25 C
-55 C
+85 C
Input IP2 vs. LO Drive
20
25
30
35
40
45
50
55
60
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
0 dBm
+2 dBm
-2 dBm
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 14 - 21 GHz
-4
-2
0
2
4
6
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
-55 C
+25C
+85 C
nLO
mRF
±5
±4
±3
±2
±1
0
-3
-2
-44
-1
-57
-18
-52
0
-9
-26
+20
1
X
-46
-2
2
-52
-30
-49
3
-56
RF = 18 GHz @ -10 dBm
LO = 8.5 GHz @ 0 dBm
All values in dBc below the IF power level


Numéro de pièce similaire - HMC258

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC258 HITTITE-HMC258 Datasheet
254Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 14 - 21 GHz
logo
Micross Components
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
   Microwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC258LC3B HITTITE-HMC258LC3B Datasheet
195Kb / 6P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
HMC258LC3B HITTITE-HMC258LC3B Datasheet
217Kb / 6P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
HMC258LC3B HITTITE-HMC258LC3B_09 Datasheet
195Kb / 6P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
More results

Description similaire - HMC258

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC258 HITTITE-HMC258_09 Datasheet
254Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 14 - 21 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC339 HITTITE-HMC339_09 Datasheet
307Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
logo
Analog Devices
HMC338 AD-HMC338 Datasheet
412Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC330 HITTITE-HMC330_10 Datasheet
213Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
HMC338 HITTITE-HMC338_09 Datasheet
303Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC337 HITTITE-HMC337 Datasheet
286Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 17 - 25 GHz
HMC339 HITTITE-HMC339 Datasheet
285Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 33 - 42 GHz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com